Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EAST1005BA2-V2 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

No. de pieza EAST1005BA2-V2
Descripción Electrónicos  Compatible with automatic placement equipment.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1005BA2-V2 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  EAST1005BA2-V2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1005BA2-V2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DATASHEET
SMD  B
EAST1005BA2
5
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 22-Jan-2015. Issue No: DSE-0012209
Rev.2
www.everlightamericas.com
eypical Electro-Optical OOaracteristics Ourves
25
0
50
75
100
Ta=25°C
Forward Voltage V (V)
-60
Forward Current Derating Curve
Ambient Temperature Ta (°C)
1
10
-20
-40
0 20
60
40
100
80
100
1000
Wavelength λ (nm)
Luminous Intensity vs.
Ambient Temperature
SpectrumDistribution
Forward Voltage
F
Ta=25°C
Forward Current vs.
10
1
10
100
Forward Current I (mA)
10
10
F
Ta=25°C
Luminous Intensity vs.
Forward Current
30°
20°
Ta=25°C
10°
Radiation Diagram
40°
60°
50°
90°
80°
0.6
70°
0.2
0.1
0.5 0.3
0.4
1.0
0.8
0.9
0.7
Ambient Temperature Ta (°C)
400
550
450
500
600
2.6
0
10
25
20
40
30
50
4.2
3.4
3.0
3.8
4.5
1000
1
2
0
10
0
20
30
25
40
50
40
20
60
100
85
Ver.:2
Release Date:01/22/2015
狀態:Approved(正式發行)
 


Número de pieza similar - EAST1005BA2-V2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
EAST1005BA0 EVERLIGHT-EAST1005BA0 Datasheet
211Kb / 10P
   Compatible with automatic placement equipment.
EAST1005BA1 EVERLIGHT-EAST1005BA1 Datasheet
216Kb / 10P
   Compatible with automatic placement equipment.
More results

Descripción similar - EAST1005BA2-V2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST1005RA3 EVERLIGHT-EAST1005RA3 Datasheet
586Kb / 10P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com