Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EAST1005RA3 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

No. de pieza EAST1005RA3
Descripción Electrónicos  Compatible with automatic placement equipment.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST1005RA3 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button EAST1005RA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST1005RA3 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2015-01-07 17:51:22.0
DATASHEET
SMD
 B
EAST1005RA3
8
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 07-Jan-2015
Issue No: DSE-0012347
Rev.2
www.everlightamericas.com
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±
0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Número de pieza similar - EAST1005RA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
EAST1005RA0 EVERLIGHT-EAST1005RA0 Datasheet
214Kb / 10P
   Compatible with automatic placement equipment.
EAST1005RA2 EVERLIGHT-EAST1005RA2 Datasheet
213Kb / 9P
   Compatible with automatic placement equipment.
EAST1005RA4 EVERLIGHT-EAST1005RA4 Datasheet
247Kb / 9P
   Compatible with automatic placement equipment.
EAST1005RA5 EVERLIGHT-EAST1005RA5 Datasheet
249Kb / 9P
   Compatible with automatic placement equipment.
More results

Descripción similar - EAST1005RA3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
CSBFB1M00J58-R0 MURATA-CSBFB1M00J58-R0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M00J58-R1 MURATA-CSBFB1M00J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB1M02J58-R1 MURATA-CSBFB1M02J58-R1 Datasheet
183Kb / 3P
   compatible with automatic placement equipment
CSBFB1M22J58-R1 MURATA-CSBFB1M22J58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
CSBFB455KJ58-B0 MURATA-CSBFB455KJ58-B0 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Everlight Electronics C...
EAST16084BA2 EVERLIGHT-EAST16084BA2 Datasheet
270Kb / 9P
   Compatible with automatic placement equipment.
EAST10102RGBA0 EVERLIGHT-EAST10102RGBA0 Datasheet
433Kb / 13P
   Compatible with automatic placement equipment.
EAST1616RGBA0 EVERLIGHT-EAST1616RGBA0 Datasheet
245Kb / 13P
   Compatible with automatic placement equipment.
EAST16086WA0 EVERLIGHT-EAST16086WA0 Datasheet
313Kb / 11P
   Compatible with automatic placement equipment.
EAST2012BA4 EVERLIGHT-EAST2012BA4 Datasheet
292Kb / 10P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com