Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL97649A Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza ISL97649A
Descripción Electrónicos  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97649A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL97649A Datasheet HTML 5Page - Renesas Technology Corp ISL97649A Datasheet HTML 6Page - Renesas Technology Corp ISL97649A Datasheet HTML 7Page - Renesas Technology Corp ISL97649A Datasheet HTML 8Page - Renesas Technology Corp ISL97649A Datasheet HTML 9Page - Renesas Technology Corp ISL97649A Datasheet HTML 10Page - Renesas Technology Corp ISL97649A Datasheet HTML 11Page - Renesas Technology Corp ISL97649A Datasheet HTML 12Page - Renesas Technology Corp ISL97649A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL97649A
FN7928 Rev 3.00
Page 9 of 22
June 27, 2013
Typical Performance Curves
FIGURE 1. AVDD EFFICIENCY vs IAVDD
FIGURE 2. AVDD LOAD REGULATION vs IAVDD
FIGURE 3. AVDD LINE REGULATION vs VIN
FIGURE 4. BOOST CONVERTER TRANSIENT RESPONSE
FIGURE 5. GPM CIRCUIT WAVEFORM
FIGURE 6. GPM CIRCUIT WAVEFORM
76
78
80
82
84
86
88
90
92
0.0
50
100
150
200
250
300
350
IAVDD (mA)
VIN = 3.3V, VOUT = 8.06V
fOSC = 600kHz
fOSC = 1.2MHz
-0.04
-0.03
-0.02
-0.01
0.00
50
100
150
200
250
IAVDD (mA)
fOSC = 600kHz
fOSC = 1.2MHz
VIN = 3.3V, VOUT = 8.06V
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
IAVDD = 150mA
L = 10µH, COUT = 40µF, CCOMP = 15nF, RCOMP = 5.5k
CE = 1pF, RE = 100k
VGHM
CE = 100pF, RE = 100k
VGHM


Número de pieza similar - ISL97649A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRTZ-EVALZ INTERSIL-ISL97649AIRTZ-EVALZ Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRZ INTERSIL-ISL97649AIRZ Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results

Descripción similar - ISL97649A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
   TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com