Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL97650 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza ISL97650
Descripción Electrónicos  4-Channel Integrated LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97650 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL97650 Datasheet HTML 2Page - Renesas Technology Corp ISL97650 Datasheet HTML 3Page - Renesas Technology Corp ISL97650 Datasheet HTML 4Page - Renesas Technology Corp ISL97650 Datasheet HTML 5Page - Renesas Technology Corp ISL97650 Datasheet HTML 6Page - Renesas Technology Corp ISL97650 Datasheet HTML 7Page - Renesas Technology Corp ISL97650 Datasheet HTML 8Page - Renesas Technology Corp ISL97650 Datasheet HTML 9Page - Renesas Technology Corp ISL97650 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL97650
FN9198 Rev.4.00
Page 6 of 20
April 17, 2009
FIGURE 3. BUCK EFFICIENCY
FIGURE 4. BUCK LOAD REGULATION
FIGURE 5. VOFF LOAD REGULATION vs IOFF
FIGURE 6. VON LOAD REGULATION vs ION
FIGURE 7. BOOST DISCONTINUOUS MODE
FIGURE 8. THRESHOLD OF BOOST FROM DC TO CC MODE
Typical Performance Curves (Continued)
VIN = 12V
VIN = 5V
0
0
500
1000
1500
2000
IO (mA)
20
40
60
80
100
VIN = 12V
VIN = 5V
0
500
1000
1500
2000
IO (mA)
-2.0
-1.5
-1.0
-0.5
0
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
10
20
3040
5060
7080
IOFF (mA)
VOFF = -8V
-0.35
-0.30
-0.20
-0.15
-0.10
-0.05
0
0
1020
3040
5060
ION (mA)
VON = 25V
-0.25
200ns/DIV
Ch1 = LX(boost)(5V/DIV)
Ch2 = Io(Boost)(10mA/DIV)
200ns/DIV
Ch1 = LX(boost)(5V/DIV)
Ch 2 = Io(Boost)(10mA/DIV)


Número de pieza similar - ISL97650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650ARTZ-T INTERSIL-ISL97650ARTZ-T Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650ARTZ-T INTERSIL-ISL97650ARTZ-T Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650ARTZ-TK INTERSIL-ISL97650ARTZ-TK Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
More results

Descripción similar - ISL97650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com