Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISL97650 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
ISL97650 Datasheet(HTML) 19 Page - Renesas Technology Corp |
19 / 20 page FN9198 Rev.4.00 Page 19 of 20 April 17, 2009 ISL97650 Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted in the quality certifications found at www.intersil.com/en/support/qualandreliability.html Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com For additional products, see www.intersil.com/en/products.html © Copyright Intersil Americas LLC 2006-2009. All Rights Reserved. All trademarks and registered trademarks are the property of their respective owners. Layout Recommendation The device's performance including efficiency, output noise, transient response and control loop stability is dramatically affected by the PCB layout. PCB layout is critical, especially at high switching frequency. There are some general guidelines for layout: 1. Place the external power components (the input capacitors, output capacitors, boost inductor and output diodes, etc.) in close proximity to the device. Traces to these components should be kept as short and wide as possible to minimize parasitic inductance and resistance. 2. Place VREF and VDC bypass capacitors close to the pins. 3. Reduce the loop with large AC amplitudes and fast slew rate. 4. The feedback network should sense the output voltage directly from the point of load, and be as far away from LX node as possible. 5. The power ground (PGND) and signal ground (SGND) pins should be connected at only one point. 6. The exposed die plate, on the underneath of the package, should be soldered to an equivalent area of metal on the PCB. This contact area should have multiple via connections to the back of the PCB as well as connections to intermediate PCB layers, if available, to maximize thermal dissipation away from the IC. 7. To minimize the thermal resistance of the package when soldered to a multi-layer PCB, the amount of copper track and ground plane area connected to the exposed die plate should be maximized and spread out as far as possible from the IC. The bottom and top PCB areas especially should be maximized to allow thermal dissipation to the surrounding air. 8. Minimize feedback input track lengths to avoid switching noise pick-up. A demo board is available to illustrate the proper layout implementation. |
Número de pieza similar - ISL97650 |
|
Descripción similar - ISL97650 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |