Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL97650 Datasheet(PDF) 20 Page - Renesas Technology Corp

No. de pieza ISL97650
Descripción Electrónicos  4-Channel Integrated LCD Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97650 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL97650 Datasheet HTML 12Page - Renesas Technology Corp ISL97650 Datasheet HTML 13Page - Renesas Technology Corp ISL97650 Datasheet HTML 14Page - Renesas Technology Corp ISL97650 Datasheet HTML 15Page - Renesas Technology Corp ISL97650 Datasheet HTML 16Page - Renesas Technology Corp ISL97650 Datasheet HTML 17Page - Renesas Technology Corp ISL97650 Datasheet HTML 18Page - Renesas Technology Corp ISL97650 Datasheet HTML 19Page - Renesas Technology Corp ISL97650 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ISL97650
FN9198 Rev.4.00
Page 20 of 20
April 17, 2009
Package Outline Drawing
L36.6x6
36 LEAD THIN QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 5, 08/08
BOTTOM VIEW
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
Dimensioning and tolerancing conform to AMSEY14.5m-1994.
Dimension applies to the metallized terminal and is measured
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Tiebar shown (if present) is a non-functional feature.
Unless otherwise specified, tolerance : Decimal ± 0.05
4.
5.
6.
3.
2.
Dimensions are in millimeters.
1.
located within the zone indicated. The pin #1 indentifier may be
either a mold or mark feature.
C
DETAIL "X"
0 . 2 REF
0 . 05 MAX.
0 . 00 MIN.
5
6.00
A
B
(4X)
0.15
6
PIN 1
INDEX AREA
28
PIN #1 INDEX AREA
36
32x 0.50
4.15 +0.10/-0.15
9
1
27
19
18
36X 0.55 ± 0.10
10
6
4X 4.00
Max 0.80
SEE DETAIL "X"
0.08
0.10
C
C
C
( 5.65 )
( 4.15)
(36X 0.75)
(36X .25)
( 32x 0.50)
( 5.65 )
( 4X 4.00)
Exp. Dap.
( 4.15)
Exp. Dap.
0.10
36X 0.25 +0.05/-.07
A
M
C
B
4


Número de pieza similar - ISL97650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650ARTZ-T INTERSIL-ISL97650ARTZ-T Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650ARTZ-T INTERSIL-ISL97650ARTZ-T Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650ARTZ-TK INTERSIL-ISL97650ARTZ-TK Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
More results

Descripción similar - ISL97650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
   6-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
   5-Channel Integrated LCD Supply
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
   5-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com