Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8550AEEVD270Y Datasheet(PDF) 6 Page - Analog Microelectronics

No. de pieza AME8550AEEVD270Y
Descripción Electrónicos  Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8550AEEVD270Y Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8550AEEVD270Y Datasheet HTML 2Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 3Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 4Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 5Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 6Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 7Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 8Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 9Page - Analog Microelectronics AME8550AEEVD270Y Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AME, Inc.
6
Voltage Detector
AME8550
n Ordering Information (contd.)
Part Number
Marking
Output Voltage
Package
Operating Temp. Range
AME8550AEETB240
AXVww
2.4V
SOT-23
-40
oC to +85oC
AME8550AEETB240L
AXVww
2.4V
SOT-23
-40
oC to +85oC
AME8550AEETB240Z
AXVww
2.4V
SOT-23
-40
oC to +85oC
AME8550AEETB240Y
AXVww
2.4V
SOT-23
-40
oC to +85oC
AME8550AEFTB240
A8550A
B240ww
2.4V
SOT-89
-40
oC to +85oC
AME8550AEFTB240Z
A8550A
B240ww
2.4V
SOT-89
-40
oC to +85oC
AME8550CEEVB240
AXWww
2.4V
SOT-25
-40
oC to +85oC
AME8550CEEVB240L
AXWww
2.4V
SOT-25
-40
oC to +85oC
AME8550CEEVB240Z
AXWww
2.4V
SOT-25
-40
oC to +85oC
AME8550CEEVB240Y
AXWww
2.4V
SOT-25
-40
oC to +85oC
AME8550AEEVD240
AXXww
2.4V
SOT-25
-40
oC to +85oC
AME8550AEEVD240L
AXXww
2.4V
SOT-25
-40
oC to +85oC
AME8550AEEVD240Z
AXXww
2.4V
SOT-25
-40
oC to +85oC
AME8550AEEVD240Y
AXXww
2.4V
SOT-25
-40
oC to +85oC
AME8550BEEVD240
AXYww
2.4V
SOT-25
-40
oC to +85oC
AME8550BEEVD240L
AXYww
2.4V
SOT-25
-40
oC to +85oC
AME8550BEEVD240Z
AXYww
2.4V
SOT-25
-40
oC to +85oC
AME8550BEEVD240Y
AXYww
2.4V
SOT-25
-40
oC to +85oC
AME8550AEETB250
AXZww
2.5V
SOT-23
-40
oC to +85oC
AME8550AEETB250L
AXZww
2.5V
SOT-23
-40
oC to +85oC
AME8550AEETB250Z
AXZww
2.5V
SOT-23
-40
oC to +85oC
AME8550AEETB250Y
AXZww
2.5V
SOT-23
-40
oC to +85oC
AME8550AEFTB250
A8550A
B250ww
2.5V
SOT-89
-40
oC to +85oC
AME8550AEFTB250Z
A8550A
B250ww
2.5V
SOT-89
-40
oC to +85oC
Note: ww represents the date code / w represents date code ( A thru Z ) : 2 work weeks per character.
* A line on top of the first letter represents lead free plating such as AME8550
Please consult AME sales office or authorized Rep./Distributor for the availability of output voltage and package type .


Número de pieza similar - AME8550AEEVD270Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Descripción similar - AME8550AEEVD270Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com