Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL97672B Datasheet(PDF) 10 Page - Renesas Technology Corp

No. de pieza ISL97672B
Descripción Electrónicos  6-Channel LED Driver with Ultra Low Dimming Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97672B Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL97672B Datasheet HTML 6Page - Renesas Technology Corp ISL97672B Datasheet HTML 7Page - Renesas Technology Corp ISL97672B Datasheet HTML 8Page - Renesas Technology Corp ISL97672B Datasheet HTML 9Page - Renesas Technology Corp ISL97672B Datasheet HTML 10Page - Renesas Technology Corp ISL97672B Datasheet HTML 11Page - Renesas Technology Corp ISL97672B Datasheet HTML 12Page - Renesas Technology Corp ISL97672B Datasheet HTML 13Page - Renesas Technology Corp ISL97672B Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL97672B
FN7995 Rev.3.00
Page 10 of 17
Sep 7, 2017
IC Protection Features and Fault
Management
The ISL97672B has several protection and fault management
features that improve system reliability. The following sections
describe them in more detail.
INRUSH CONTROL AND SOFT-START
The ISL97672B has separate, built-in, independent inrush control
and soft-start functions. The inrush control function is built
around an external short-circuit protection P-channel FET in
series with VIN. At start-up, the fault protection FET is turned on
slowly due to a 21µA pull-down current output from the FAULT
pin. This discharges the fault FET's gate-to-source capacitance,
turning on the FET in a controlled fashion. As this happens, the
output capacitor is charged slowly through the low-current FET
before it becomes fully enhanced. This results in a low inrush
current. This current can be further reduced by adding a
capacitor (in the 1nF to 5nF range) across the gate source
terminals of the FET.
Once the chip detects that the fault protection FET is turned on
fully, it assumes that inrush is complete. At this point, the boost
regulator begins to switch, and the current in the inductor ramps
up. The current in the boost power switch is monitored, and
switching is terminated in any cycle in which the current exceeds
the current limit. The ISL97672B includes a soft-start feature in
which this current limit starts at a low value (275mA). This value
is stepped up to the final 2.2A current limit in seven additional
steps of 275mA each. These steps happen over at least 8ms and
are extended at low LED PWM frequencies if the LED duty cycle is
low. This extension allows the output capacitor to charge to the
required value at a low current limit and prevents high input
current for systems that have only a low to medium output
current requirement.
For systems with no master fault protection FET, the inrush current
flows towards COUT when VIN is applied. The inrush current is
determined by the ramp rate of VIN and the values of COUT and L.
FAULT PROTECTION AND MONITORING
The ISL97672B features extensive protection functions to cover
all perceivable failure conditions. The /FLAG pin is a latched
open-drain output that monitors string open, LED short, VOUT
short, and overvoltage and over-temperature conditions. This pin
resets only when input power is recycled or the part is re-enabled.
The failure mode of an LED can be either an open circuit or a
short. The behavior of an open-circuited LED can additionally
take the form of either infinite resistance or, for some LEDs, a
Zener diode, which is integrated into the device in parallel with
the now-opened LED.
For basic LEDs (which do not have built-in Zener diodes), an
open-circuit failure of an LED results only in the loss of one
channel of LEDs, without affecting other channels. Similarly, a
short-circuit condition on a channel that results in that channel
being turned off does not affect other channels unless a similar
fault is occurring.
Due to the lag in boost response to any load change at its output,
certain transient events (such as LED current steps or significant
step changes in LED duty cycle) can transiently look like LED
fault modes. The ISL97672B uses feedback from the LEDs to
determine when it is in a stable operating region and prevents
apparent faults during these transient events from allowing any
of the LED stacks to fault out. See Table 1 on page 12 for details.
A fault condition that results in an input current that exceeds the
device’s electrical limits will result in a shutdown of all output
channels.
SHORT-CIRCUIT PROTECTION (SCP)
The short-circuit detection circuit monitors the voltage on each
channel and disables faulty channels that are above
approximately 7.5V (this action is described in Table 1).
OPEN-CIRCUIT PROTECTION (OCP)
When one of the LEDs becomes an open circuit, it can behave as
either an infinite resistance or as a gradually increasing finite
resistance. The ISL97672B monitors the current in each channel
such that any string that reaches the intended output current is
considered “good.” Should the current subsequently fall below the
target, the channel is considered an “open circuit.” Furthermore,
should the boost output of the ISL97672B reach the OVP limit, or
should the lower over-temperature threshold be reached, all
channels that are not good are immediately considered to be open
circuit. Detection of an open circuit channel results in a time-out
before the affected channel is disabled. This time-out is sped up
when the device is above the lower over-temperature threshold, in
an attempt to prevent the upper over-temperature trip point from
being reached.
Some users employ special types of LEDs that have a Zener
diode structure in parallel with the LED. This configuration
provides ESD enhancement and enables open-circuit operation.
When this type of LED is open circuited, the effect is as if the LED
forward voltage has increased but the lighting level has not
increased. Any affected string will not be disabled, unless the
failure results in the boost OVP limit being reached, which allows
all other LEDs in the string to remain functional. In this case, care
should be taken that the boost OVP limit and SCP limit are set
properly, to ensure that multiple failures on one string do not
cause all other good channels to fault out. This condition could
arise if the increased forward voltage of the faulty channel
makes all other channels look as if they have LED shorts. See
Table 1 for details of responses to fault conditions.
OVP AND VOUT
The Overvoltage Protection (OVP) pin has a function of setting the
overvoltage trip level as well as limiting the VOUT regulation
range.
The ISL97672B OVP threshold is set by RUPPER and RLOWER such
that:
and VOUT can only regulate between 60% and 100% of the
VOUT_OVP such that:
Allowable VOUT = 60% to 100% of VOUT_OVP
if, for example, 10 LEDs are used with the worst-case VOUT of
35V.
VOUT_OVP
1.22Vx
RUPPER RLOWER
+

RLOWER
--------------------------------------------------------
=
(EQ. 5)


Número de pieza similar - ISL97672B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ-EVAL INTERSIL-ISL97672BIRZ-EVAL Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
More results

Descripción similar - ISL97672B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
   6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
   6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
   Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
   Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
IXYS Corporation
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
   6-Channel Ultra Low Dropout LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com