Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL97678 Datasheet(PDF) 14 Page - Renesas Technology Corp

No. de pieza ISL97678
Descripción Electrónicos  8-Channel 45V, 50mA LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97678 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL97678 Datasheet HTML 9Page - Renesas Technology Corp ISL97678 Datasheet HTML 10Page - Renesas Technology Corp ISL97678 Datasheet HTML 11Page - Renesas Technology Corp ISL97678 Datasheet HTML 12Page - Renesas Technology Corp ISL97678 Datasheet HTML 13Page - Renesas Technology Corp ISL97678 Datasheet HTML 14Page - Renesas Technology Corp ISL97678 Datasheet HTML 15Page - Renesas Technology Corp ISL97678 Datasheet HTML 16Page - Renesas Technology Corp ISL97678 Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ISL97678
FN6998 Rev.3.00
Page 14 of 17
Sep 8, 2017
Components Selections
According to the inductor Voltage-Second Balance principle, the
change of inductor current during the switching regulator
On-time is equal to the change of inductor current during the
switching regulator Off-time. The voltage across an inductor is as
shown in Equation 6:
and
IL @ On = IL @ Off, therefore:
where D is the switching duty cycle defined by the turn-on time
over the switching periods. VD is Schottky diode forward voltage
that can be neglected for approximation.
Rearranging the terms without accounting for VD gives the boost
ratio and duty cycle respectively as Equations 8 and 9:
Input Capacitor
Switching regulators require input capacitors to deliver peak
charging current and to reduce the impedance of the input
supply. This reduces interaction between the regulator and input
supply, thereby improving system stability. The high switching
frequency of the loop causes almost all ripple current to flow in
the input capacitor, which must be rated accordingly.
A capacitor with low internal series resistance should be chosen
to minimize heating effects and improve system efficiency, such
as X5R or X7R ceramic capacitors, which offer small size and a
lower value of temperature and voltage coefficient compared to
other ceramic capacitors.
It is recommended that an input capacitor of at least 10µF be
used. Ensure the voltage rating of the input capacitor is suitable
to handle the full supply range.
3
CH1 Short Circuit
Upper OTP not triggered
but VIIN1 > VSC
CH1 disabled after 6 PWM cycles
time-out.
If 3 channels are already shut
down, all channels will be shut
down. Otherwise CH2-8 will
remain as normal
Highest VF of CH2
through CH8
4CH1 Open Circuit
with infinite
resistance
Upper OTP not triggered
and VIIN1 < VSC
VOUT will ramp to OVP. CH1 will
time-out after 6 PWM cycles and
switch off. VOUT will drop to normal
level.
CH2 through CH8 Normal
Highest VF of CH2
through CH8
5CH1 LED Open
Circuit but has
paralleled Zener
Upper OTP not triggered
and VIIN1 < VSC
CH1 remains ON and has highest
VF, thus VOUT increases
CH2 through CH8 ON, Q2 through
Q8 burn power
VF of CH1
6CH1 LED Open
Circuit but has
paralleled Zener
Upper OTP triggered but
VIIN1 < VSC
CH1 goes off
Same as CH1
VF of CH1
7CH1 LED Open
Circuit but has
paralleled Zener
Upper OTP not triggered
but VIIN1 > VSC
CH1 OFF
CH2 through CH8 Normal
Highest VF of CH2
through CH8
Upper OTP not triggered
but VIINx > VSC
CH1 remains ON and has highest
VF, thus VOUT increases.
VOUT increases then CH-X
switches OFF. This is an
unwanted shut off and can be
prevented by setting OVP and/or
VSC at an appropriate level.
VF of CH1
8
Channel-to-Channel
VF too high
Lower OTP triggered but
VIINx < VSC
Any channel at below the target current will fault out after 6 PWM
cycles.
Remaining channels driven with normal current.
Highest VF of CH1
through CH8
9
Channel-to-Channel
VF too high
Upper OTP triggered but
VIINx < VSC
All channels switched off
Highest VF of CH1
through CH8
10
Output LED string
voltage too high
VOUT > VOVP
Driven with normal current. Any channel that is below the target current
will time-out after 6 PWM cycles.
Highest VF of CH1
through CH8
11
VOUT/LX shorted to
GND
LX will not switch
TABLE 1. PROTECTIONS TABLE (Continued)
CASE
FAILURE MODE
DETECTION MODE
FAILED CHANNEL ACTION
GOOD CHANNELS ACTION
VOUT REGULATED
BY
VL
L
I
L t
=
(EQ. 6)
V
I
0
 L
DtS
VO VD VI

=
L1
D
 t
S
(EQ. 7)
VO VI 11 D

=
(EQ. 8)
DVO
VI VO
=
(EQ. 9)


Número de pieza similar - ISL97678

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
ISL97678 INTERSIL-ISL97678 Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results

Descripción similar - ISL97678

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com