Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AQF700 Datasheet(PDF) 3 Page - Arch Electronics Corp.

No. de pieza AQF700
Descripción Electrónicos  Enclosed ITE Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARCH [Arch Electronics Corp.]
Página de inicio  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF700 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  AQF700 Datasheet HTML 1Page - Arch Electronics Corp. AQF700 Datasheet HTML 2Page - Arch Electronics Corp. AQF700 Datasheet HTML 3Page - Arch Electronics Corp. AQF700 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VER : A_0
update : 2018.06.01
AC-DC ITE Switching Power Supply
AQF700 SERIES
700 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
( Top View )
PIN#
Single
Terminal
AC Input Connector Pin
1
PE
ANYTEK YK-301-3P
2
AC IN (N)
3
AC IN (L)
DC Output Connector Pin
4
+DC OUT
M5 Pan HD screw in 2 positions
Torque to 8 Ibs-in(90 cNm) max.
5
-DC OUT
Connector Pin (CN1) = Cherng Weei PHD2.0 - 2x4P
PIN#
Single
Mating Housing
Terminal
C1
+S
Cherng Weei
PHD2.0 - 2x4P
or equivalent
Cherng Weei
PHD2.0 - 2x4P
or equivalent
C2
-S
C3
NC
C4
-5V SB
C5
GND / -RC
C6
+RC
C7
PG
C8
+5V SB
ASSEMBLY INSTRUCTIONS
*U Case
T=2.0mm
Customer is advised to screw into the threads no more
than 2.5mm
A=For fixture to din rail clip only
B=For fixture to pcb/chassis only
A=M3x0.5P
B=M3x0.5P


Número de pieza similar - AQF700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30D12 MINMAX-AQF-30D12 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30D12 MINMAX-AQF-30D12 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AQF-30D12 MINMAX-AQF-30D12 Datasheet
315Kb / 5P
   AC/DC Power Module 30W Fully encapsulated Plastic Case
More results

Descripción similar - AQF700

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Arch Electronics Corp.
AES60E_SERIES ARCH-AES60E_SERIES Datasheet
223Kb / 2P
   Enclosed Switching Power Supply
AQF240D_SERIES ARCH-AQF240D_SERIES Datasheet
307Kb / 2P
   Enclosed Switching Power Supply
AQF240E_SERIES ARCH-AQF240E_SERIES Datasheet
259Kb / 2P
   Enclosed Switching Power Supply
ABR300EC ARCH-ABR300EC Datasheet
576Kb / 6P
   Enclosed Switching Power Supply
AQFV480F_SERIES ARCH-AQFV480F_SERIES Datasheet
579Kb / 7P
   Enclosed Switching Power Supply
SZA60E ARCH-SZA60E Datasheet
257Kb / 2P
   Enclosed Switching Power Supply
AQF360F_SERIES ARCH-AQF360F_SERIES Datasheet
345Kb / 6P
   Enclosed Switching Power Supply
ABR300E ARCH-ABR300E Datasheet
555Kb / 5P
   Enclosed Switching Power Supply
logo
CUI INC
VAD-55B CUI-VAD-55B Datasheet
115Kb / 2P
   Metal Enclosed Switching Power Supply
VS-25-15 CUI-VS-25-15 Datasheet
82Kb / 2P
   Metal Enclosed Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com