Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24FC64ZD2ETE13REV-D Datasheet(PDF) 9 Page - Catalyst Semiconductor

No. de pieza CAT24FC64ZD2ETE13REV-D
Descripción Electrónicos  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64ZD2ETE13REV-D Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT24FC64ZD2ETE13REV-D Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 9Page - Catalyst Semiconductor CAT24FC64ZD2ETE13REV-D Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT24FC64
9
Doc. No. 1046, Rev. G
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a 24FC64JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating
Voltage, Tape & Reel)
Temperature Range
I = Industrial (-40˚ to 85˚C)
Prefix
Device #
Suffix
J
I
TE13
Product
Number
Tape & Reel
Package
P: PDIP
K: SOIC (EIAJ)
J: SOIC (JEDEC)
U: TSSOP
RD2: TDFN (4.9x3mm)
L: PDIP (Lead free, Halogen free)
W: SOIC, JEDEC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
X: SOIC, EIAJ (Lead free, Halogen free)
ZD2: TDFN (4.9x3mm) (Lead free, Halogen free)
REV-D
Die Revision
24FC64
CAT
Optional
Company ID
E = Extended (-40˚C to 125˚C)


Número de pieza similar - CAT24FC64ZD2ETE13REV-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC64ZD2ETE13 CATALYST-CAT24FC64ZD2ETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Descripción similar - CAT24FC64ZD2ETE13REV-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com