Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HMC913 Datasheet(PDF) 6 Page - Analog Devices

No. de Pieza. HMC913
Descripción  SUCCESSIVE DETECTION LOG VIDEO AMPLIFER (SDLVA)
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

HMC913 Datasheet(HTML) 6 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC913
v04.0913
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFER (SDLVA), 0.6 - 20 GHz
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1 - 5
VCC1
Bias Supply. Connect Supply Voltage to these pins
with appropriate filtering.
To ensure proper start-up supply
rise time should be faster than 100usec
6
VCC2
Bias Supply. Connect supply voltage to these pins
with appropriate filtering.
To ensure proper start-up supply
rise time should be faster than 100usec
7
EN
Enable pin connected to VCC1 or VCC2 for normal
operation. Total supply current reduced to less than 3mA
when EN is set to 0V.
8, 11 - 18, 21, 22
Die Bottom
GND
These pins and the die bottom must be connected to a high
quality RF/DC ground.
9, 10
VIDEO OUT,
VIDEO FB
Video out and feedback. These pins should be shorted to
each other (see application circuit). Video out load should
be at least 1K Ohm or higher.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn