Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HMC913 Datasheet(PDF) 1 Page - Analog Devices

No. de Pieza. HMC913
Descripción  SUCCESSIVE DETECTION LOG VIDEO AMPLIFER (SDLVA)
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

HMC913 Datasheet(HTML) 1 Page - Analog Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC913
v04.0913
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFER (SDLVA), 0.6 - 20 GHz
General Description
Features
Functional Diagram
Typical Applications
Electrical Specifications, TA = +25 °C, Vcc1 = Vcc2 = 3.3V [1]
The HMC913 is a Successive Detection Log Video
Amplifier (SDLVA) which operates from 0.6 to 20 GHz.
The HMC913 provides a logging range of 59 dB. This
device offers typical fast rise/fall times of 5/10 ns and
a superior delay time of only 14 ns. The HMC913 log
video output slope is typically 14 mV/dB. Maximum
recovery times are less than 30 ns. Ideal for high
speed channelized receiver applications, the HMC913
operates from a single +3.3 V supply, and consumes
only 80 mA. All data shown herein is measured with
the chip in a 50 Ohm environment and contacted with
RF probes.
High Logging Range: 59 dB
(-54 to +5 dBm) @ 18 GHz
Output Frequency Flatness: ±1.5 dB
Log Linearity: ±1 dB
Fast Rise/Fall Times: 5/10 ns
Single Positive Supply: +3.3V
ESD Sensitivity (HBM): Class 1A
The HMC913 is ideal for:
• EW, ELINT & IFM Receivers
• DF Radar Systems
• ECM Systems
• Broadband Test & Measurement
• Power Measurement & Control Circuits
• Military & Space Applications
Parameter
Conditions
Typ.
Units
Input Frequency Range [1][2]
0.6 - 20
GHz
Frequency Flatness
Pin = -25 dBm
±1.5
dB
Log Linearity
Pin = -50 to +3 dBm
±1
dB
Log Linearity over Temperature (-55 °C to +85 °C)
Pin = -25 dBm
±1.5
dB
Minimum Logging Range
to ±3 dB error @ 18 GHz
-54 @ 18 GHz
dBm
Maximum Logging Range
to ±3 dB error @ 18 GHz
+5 @ 18 GHz
dBm
Input Return Loss
5.5
dB
Log Video Minimum Output Voltage
1
V
Log Video Maximum Output Voltage
1.8
V
Log Video Output Rise Time
10% to 90%
5
ns
Log Video Output Fall Time
90% to 10%
10
ns
Log Video Recovery Time
25
ns
Log Video Output Slope
14
mV/dB
Log Video Output Slope Variation over Temperature
@ 10 GHz
5
µV/dB°C
Log Video Propagation Delay
14
ns
Supply Current (Icc1 + Icc2)
@ Pin = -30 dBm
80
mA
[1] Electrical specs and performance plots are given for single-ended operation
[2] Video output load should be 1K Ohm or higher.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn