Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MCMA140P1400TA Datasheet(PDF) 3 Page - IXYS Corporation

No. de Pieza. MCMA140P1400TA
Descripción  Thyristor Module
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo 

MCMA140P1400TA Datasheet(HTML) 3 Page - IXYS Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MCMA140P1400TA
Ratings
C
M
M
A
140
P
1400
TA
Part description
Thyristor (SCR)
Thyristor
(up to 1800V)
Phase leg
TO-240AA-1B
Module
=
=
=
=
Current Rating [A]
Reverse Voltage [V]
=
=
=
=
Package
Top
°C
M
D
Nm
4
mounting torque
2.5
T
VJ
°C
140
virtual junction temperature
-40
Weight
g
81
Symbol
Definition
typ.
max.
min.
Conditions
operation temperature
Unit
M
T
Nm
4
terminal torque
2.5
V
V
t = 1 second
V
t = 1 minute
isolation voltage
mm
mm
13.0
9.7
16.0
16.0
dSpp/App
creepage distance on surface | striking distance through air
dSpb/Apb
terminal to backside
I RMS
RMS current
200
A
per terminal
125
-40
terminal to terminal
TO-240AA
Similar Part
Package
Voltage class
MCMA140P1600TA
TO-240AA-1B
1600
Delivery Mode
Quantity
Code No.
Ordering Number
Marking on Product
Ordering
50/60 Hz, RMS; I
1 mA
ISOL
MCMA140P1400TA
512958
Box
36
MCMA140P1400TA
Standard
4800
ISOL
T
stg
°C
125
storage temperature
-40
4000
threshold voltage
V
0.85
mΩ
V0 max
R0 max
slope resistance *
1.6
Equivalent Circuits for Simulation
T
=
VJ
I
V
0
R0
Thyristor
140 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn