Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BH1771GLC Datasheet(PDF) 31 Page - Rohm

No. de pieza BH1771GLC
Descripción Electrónicos  1 Chip Optical Proximity Sensor Ambient Light Sensor IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BH1771GLC Datasheet(HTML) 31 Page - Rohm

Back Button BH1771GLC Datasheet HTML 25Page - Rohm BH1771GLC Datasheet HTML 26Page - Rohm BH1771GLC Datasheet HTML 27Page - Rohm BH1771GLC Datasheet HTML 28Page - Rohm BH1771GLC Datasheet HTML 29Page - Rohm BH1771GLC Datasheet HTML 30Page - Rohm BH1771GLC Datasheet HTML 31Page - Rohm BH1771GLC Datasheet HTML 32Page - Rohm BH1771GLC Datasheet HTML 33Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Technical Note
31/32
BH1771GLC
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Cautions on use
1)
Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage ( Vccmax, VSDAmax, VSCLmax, VINTmax,
VGNDNCmax, VLEDmax ), temperature range of operating conditions ( Topr ), etc., can break down devices, thus making
impossible to identify breaking mode such as a short circuit or an open circuit. If any special mode exceeding the absolute
maximum ratings is assumed, consideration should be given to take physical safety measures including the use of fuses,
etc.
2)
GND voltage
Make setting of the potential of the GND terminal and GND_LED terminal so that they will be maintained at the minimum in
any operating state. Furthermore, check to be sure no terminals are at a potential lower than the GND voltage including an
actual electric transient.
3)
Short circuit between terminals and erroneous mounting
In order to mount ICs on a set PCB, pay thorough attention to the direction and offset of the ICs. Erroneous mounting can
break down the ICs. Furthermore, if a short circuit occurs due to foreign matters entering between terminals or between
the terminal and the power supply or the GND terminal, the ICs can break down.
4)
Operation in strong electromagnetic field
Be noted that using ICs in the strong electromagnetic field can malfunction them.
5)
Inspection with set PCB
On the inspection with the set PCB, if a capacitor is connected to a low-impedance IC terminal, the IC can suffer stress.
Therefore, be sure to discharge from the set PCB by each process. Furthermore, in order to mount or dismount the set
PCB to/from the jig for the inspection process, be sure to turn OFF the power supply and then mount the set PCB to the jig.
After the completion of the inspection, be sure to turn OFF the power supply and then dismount it from the jig. In addition,
for protection against static electricity, establish a ground for the assembly process and pay thorough attention to the
transportation and the storage of the set PCB.
6)
Input terminals
In terms of the construction of IC, parasitic elements are inevitably formed in relation to potential. The operation of the
parasitic element can cause interference with circuit operation, thus resulting in a malfunction and then breakdown of the
input terminal. Therefore, pay thorough attention not to handle the input terminals; such as to apply to the input terminals a
voltage lower than the GND respectively, so that any parasitic element will operate. In addition, apply to the input terminals
a voltage within the guaranteed value of electrical characteristics.
7)
Thermal design
Perform thermal design in which there are adequate margins by taking into account the power dissipation ( Pd ) in actual
states of use.
8)
Treatment of package
Dusts or scratch on the photo detector may affect the optical characteristics. Please handle it with care.
9)
RUSH current
When power is first supplied to the CMOS IC, it is possible that the internal logic may be unstable and rush current may
flow instantaneously. Therefore, give special consideration to power coupling capacitance, power wiring, width of GND
wiring, and routing of connections.


Número de pieza similar - BH1771GLC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BH1771GLC-E2 ROHM-BH1771GLC-E2 Datasheet
457Kb / 33P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
More results

Descripción similar - BH1771GLC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BH1771GLC-E2 ROHM-BH1771GLC-E2 Datasheet
457Kb / 33P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
BH1772GLC ROHM-BH1772GLC Datasheet
432Kb / 31P
   1 Chip Optical Proximity Sensor Ambient Light Sensor IC
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
Silicon Laboratories
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Silicon Laboratories
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
OSRAM GmbH
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com