Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ8057 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza IZ8057
Descripción Electrónicos  MULTI MELODY GENERATOR WITH ACCOMPANEMENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

IZ8057 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  IZ8057 Datasheet HTML 1Page - List of Unclassifed Manufacturers IZ8057 Datasheet HTML 2Page - List of Unclassifed Manufacturers IZ8057 Datasheet HTML 3Page - List of Unclassifed Manufacturers IZ8057 Datasheet HTML 4Page - List of Unclassifed Manufacturers IZ8057 Datasheet HTML 5Page - List of Unclassifed Manufacturers IZ8057 Datasheet HTML 6Page - List of Unclassifed Manufacturers IZ8057 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IZ8057
Korzhenevskogo 12, Minsk, 220064, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
PAD LAYOUT
PAD DIAGRAM IZ8057
Chip size: 1850 x 1900
Pad size : 120 x 120
Unit
:
m
µ
X
Y
(0,0)
1
17
2
3
16
15
4
5
6
7
8
9
10
11
12
13
14
PAD LOCATION
( Unit:
µm )
Pad
No.
Pad Name
X
Y
Description
1
MI2
-196
800
Buffer Input
2
ENV1
-429
800
Envelope 1
3
VCC
-665
800
Power supply (1.5V ~ 3.0V)
4
OSCI
-775
496
Oscillator Input
5
OSCO
-775
285
Oscillator Output
6
BUSY
-606
-800
BUSY Output
7
VSS
-327
-800
Power supply (0V)
8
OP1
-64.5
-800
Pre-Amplifier Output
9
OP2
168
-800
Pre-Amplifier Output
10
TEST
425
-800
Test Terminal
11
START
636
-800
Start Input
12
MI1
775
-473
Pre-Amplifier Input
13
ENV2
775
-240
Envelope 2
14
MTO
775
-7
Modulated Tone Output
15
BDN
690
800
Buffer Output
16
LED
457
800
LED Terminal
17
BD
37
800
Buffer Output
The substrate is connected to VSS.


Número de pieza similar - IZ8057

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ8005 INTEGRAL-IZ8005 Datasheet
234Kb / 6P
   CLINICAL THERMOMETER
IZ8016 INTEGRAL-IZ8016 Datasheet
130Kb / 4P
   3.5 DIGIT THERMOMETER
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
More results

Descripción similar - IZ8057

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BT8031 ETC2-BT8031 Datasheet
266Kb / 2P
   MELODY GENERATOR WITH ACCOMPANEMENT
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
logo
UMC Corporation
UM3481A UMC-UM3481A Datasheet
37Kb / 1P
   Multi-Melody Generator with Sleep Function
UM348X UMC-UM348X Datasheet
225Kb / 8P
   Multi-Instrument Melody Generator
logo
BOWIN ELECTRONIC CO.
UM3482 BOWIN-UM3482 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3481 BOWIN-UM3481 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
UM3485 BOWIN-UM3485 Datasheet
70Kb / 4P
   UM3481A Multi-Instrument Melody Generator
logo
List of Unclassifed Man...
M348X ETC1-M348X Datasheet
24Kb / 4P
   UM348x Multi-Instrument Melody Generator
logo
KODENSHI_AUK CORP.
KK8048 KODENSHI-KK8048 Datasheet
197Kb / 4P
   Melody Generator with Accompaniment
logo
List of Unclassifed Man...
UM3491 ETC2-UM3491 Datasheet
300Kb / 4P
   Melody Generator With Accompaniment
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com