Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

L-7113SYC Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. L-7113SYC
Descripción  T-1 3/4 (5MM) LED LAMP
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

L-7113SYC Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAA5635
REV NO: V.1
DATE: NOV/14/2001
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED:
DRAWN: M.F.CAI
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
H
-
C
Y
S
3
1
1
7
-
L)
P
l
A
a
G
n
I(
W
O
L
L
E
Y
T
H
G
I
R
B
R
E
P
U
SR
A
E
L
C
R
E
T
A
W0
0
5
10
0
1
20
2 °
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P)
H
-
Y
S
(
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S0
9
5m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D)
H
-
Y
S
(
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S
H9
8
5m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S)
H
-
Y
S
(
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S0
2m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C)
H
-
Y
S
(
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S5
4F
pz
H
M
1
=
f;
V
0
=
R
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F)
H
-
Y
S
(
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S3
.
28
.
2V
A
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
R)
H
-
Y
S
(
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
Sw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
Sw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S
)
H
-
Y
S
(
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
0
2
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
0
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MV5094ABIPOLAR T-1 3/4 5mm LED LAMP - DIFFUSED 1 2 3 4 Fairchild Semiconductor
5330H1Variable Height LED T-1 3/4 5mm Lamp Assembly 1 Chicago Miniature Lamp,inc
MV8B01SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
L-56BIDT-1 3/4 5mm BLINKING LED LAMP 1 2 3 Kingbright Corporation
MV8B11SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
L7113SEC-HT-1 3/4 5mm LED LAMP 1 2 3 Kingbright Corporation
W7113MBDKT-1 3/4 5mm ROUND LED LAMP 1 2 3 Kingbright Corporation
MVL-5A4SGT-1 3/4 f 5mm PACKAGE SOLID STATE LAMP 1 2 Unity Opto Technology
LC503MYL1-06QYellow 6 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn