Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA78XXAR Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KA78XXAR
Descripción Electrónicos  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXAR Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA78XXAR Datasheet HTML 1Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 2Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 3Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 4Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 5Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 6Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 7Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 8Page - Fairchild Semiconductor KA78XXAR Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
3-TERMINAL 1A POSITIVE
VOLTAGE REGULATORS
The LM78XX series of three-terminal positive regulators are available in
the TO-220/D-PAK package and with several fixed output voltages, making
them useful in a wide range of applications. Each type employs internal
current limiting, thermal shut-down and safe area protection, making it
essentially indestructible. If adequate heat sinking is provided, they can
deliver over 1A output current. Although designed primarily as fixed voltage
regulators, these devices can be used with external components to obtain
adjustable voltages and currents.
FEATURES
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 10, 11, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor SOA Protection
KA78XXCT
± 4%
KA78XXAT
± 2%
KA78XXIT
TO-220
-40 ~ +125
°C
KA78XXR
KA78XXAR
± 2%
KA78XXIR
± 4%
D-PAK
-40 ~ +125
°C
0 ~ +125
°C
0 ~ +125
°C
TO-220
D-PAK
1: Input 2: GND 3: Output
BLOCK DIAGRAM
1
ORDERING INFORMATION
Device
Operating Temperature
± 4%
Output Voltage
Tolerance
Packag
e
©1999 Fairchild Semiconductor Corporation
Rev. B


Número de pieza similar - KA78XXAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
More results

Descripción similar - KA78XXAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com