Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PJLCDA05 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de Pieza. PJLCDA05
Descripción  QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo 

PJLCDA05 Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE 1
DATE : MAY.05.2003
PJLCDA05
QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
SPECIFICATION FEATURES
• 400W Power Dissipation (8x20
µsec Waveform)
• Very Low Leakage Current, Maximum of 5
µA @ 5Vdc
• Maximum Capacitance @ 1MHz Zero dc Bias, of 1.2pF
• Unidirectional, 2.4pF Bi-directional
• IEC61000-4-2 ESD 15kV air, 8kV Contact Compliance
• IEC61000-4-5 (Lightning) 17 Amps peak, 8x20
µsec
MAXIMUM RATINGS
This Quad TVS Array offers an excellent ESD/Transient Protection for High Speed
Transmission Data buses in very sensitive electronics. The array comes in an
industry std SOIC-8 package, with 4 individual Low Capacitance TVS/Zeners
which could offer 4 Uni-directional or 2 Bi-directional Data Line Protection.
APPLICATIONS
• Personal Digital Assistant (PDA)
• Universal Serial Bus (1.1 and 2.0) and Fire Wire Port
• Portable Instrumentation
• Portable Consumer Electronics
• Ethernet 10, 100, and 1000 Base Port Protection
ELECTRICAL CHARACTERISTICS
(PER DEVICE)
1
2
3
4
7
6
5
8
1
2
3
4
5
6
7
8
SOIC-8
g
n
i
t
a
R
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
0
2
x
8
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ
)
m
r
o
f
e
v
a
W
c
e
s
P
K
P
0
0
4
W
0
2
x
8
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
µ
)
m
r
o
f
e
v
a
W
c
e
sI
P
P
7
1A
)
M
B
H
(
e
g
a
t
l
o
V
D
S
E
V
D
S
E
5
2
>
V
k
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
T
J
5
2
1
+
o
t
5
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
g
t
s
0
5
1
+
o
t
5
5
-
OC
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
s
n
o
i
t
i
d
n
o
C
.
n
i
M
l
a
c
i
p
y
T
.
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
V
M
W
R
5
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
R
B
A
m
1
=6
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
I
R
V
R
V
5
=
5
µA
0
2
x
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sV
C
I
P
P
A
1
=0
1V
0
2
x
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
s
V
C
I
P
P
A
5
=
3
1
V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
-
f
f
OC
j
z
H
M
1
=
f
s
a
i
B
c
d
V
0
e
c
i
v
e
D
r
e
P
2
.
1F
p
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
M
I
P
P
0
2
x
8
µ
m
r
o
f
e
v
a
W
c
e
s
7
1
A


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn