Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA25C020LEMNX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SA25C020LEMNX
Descripción Electrónicos  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LEMNX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA25C020LEMNX Datasheet HTML 1Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 2Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 3Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 4Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 5Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LEMNX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
2
General Description
The SA25C020 is a 2Mb (512K X 4) CMOS
non-volatile serial EEPROM. This device
fully conforms to the SPI 4-wire protocol, is
enabled through the Chip Select (CSb) pin,
and uses Clock (SCK), Data-in (SI) and
Data-out (SO) pins to synchronously control
data
transfer
between
the
SPI
microcontroller and the Serial EEPROM.
The memory can be written from 1 up to
256 bytes at a time via the Byte / Page
Write (PW) instruction.
The memory consists of 1024 pages or
262,144 bytes.
Each device requires only a 3.0V power
supply (2.7 V to 3.6 V) for both read and
write functions. Internally generated and
regulated voltages are provided for the
program
and
erase
operations.
The
SA25C020 does not require a VPP supply.
The HOLDb pin may be used to suspend
any serial communication without resetting
the serial sequence. In addition, the serial
interface
allows
a
minimal-pin-count
packaging designed to simplify PC board
layout requirements and offers the designer
a variety of low-voltage and low-power
options.
The
SA25C020
is
available
in
a
space-saving, 8-lead narrow SOIC package
The SA25C020 is part of the SPI EEPROM
family. It is designed to work with any SPI-
compatible, high-speed microcontroller, and
offers both hardware (WPb pin) and
Software (“block protect”) data protection.
For example, programming a 2-bit code into
the status register prevents program with
top ¼, top ½ or entire array write protection
and
enables
block
write
protection.
Separate program enable and program
disable
instructions
are
provided
for
additional data protection. Hardware data
protection is provided via the WPb pin to
protect against inadvertent write attempts to
the status register.
Saifun’s SPI Serial EEPROM products are
designed and tested for applications
requiring high endurance and low power
consumption for a continuously reliable
non-volatile solution for all markets.


Número de pieza similar - SA25C020LEMNX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

Descripción similar - SA25C020LEMNX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com