Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT8018-TC-QN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza SDT8018-TC-QN
Descripción Electrónicos  2.5Gbps Fiber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SDT8018-TC-QN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDT8018-TC-QN Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 4Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 5Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 6Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 7Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 8Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 5 / 9 -
(SDT8018-T_-Q_)
Specification : TS-S97D010E
Nov, 1999
7. Optical Interface
( Unless otherwise specified, Vcc-Vee = 4.75 to 5.25 V @2488.32Mbps, PRBS2^23-1, 50% duty
and all operating temperature shall apply. )
Warning
Do not look at the laser beam projection area (e.g. end of optical connector) with naked eyes or through optical equipment while
the power is supplied to this product. Otherwise, your eyes may be injured.
Figure 6 Eye Diagram Mask for Optical Output
1.25
1.00
0.75
0.25
0
-0.25
0.20
UI
Time (UI)
0
1.0
Logic " 1 "
Logic " 0 "
LD
Monitor
PIN-PD
Vcc
Bias
Circuit
200
3k
10
Figure 5 BM and RFM Interface
Pin 3
RFM (+)
Pin 21
BM (-)
Pin 22
BM (+)
Pin 4
RFM (-)
APC
Circuit
3k
3k
3k
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Optical Output Power
Po
-2.0
3.0
dBm
Optical Output Power (disable)
Podis
-45.0
dBm
Extinction Ratio
Er
8.2
dB
Side Mode Supression Ratio
Sr
30.0
dB
Center Wavelength
λc
1280
1335
nm
Spectral Width (-20dB)
∆λ
1.0
nm
Output Eye Diagram
Compliant with Bellcore G-253 CORE and ITU G957
1
Note1. Refer to Figure 6 for the eye diagram mask


Número de pieza similar - SDT8018-TC-QN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
   DC Input Dual Optocoupler
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Seoul Semiconductor
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
logo
List of Unclassifed Man...
SDT8020-TC-QN ETC1-SDT8020-TC-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TD-QN ETC1-SDT8020-TD-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
More results

Descripción similar - SDT8018-TC-QN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDT8028 ETC1-SDT8028 Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com