Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT8018-TC-QN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza SDT8018-TC-QN
Descripción Electrónicos  2.5Gbps Fiber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SDT8018-TC-QN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SDT8018-TC-QN Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 4Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 5Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 6Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 7Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 8Page - List of Unclassifed Manufacturers SDT8018-TC-QN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
- 8 / 9 -
(SDT8018-T_-Q_)
Specification : TS-S97D010E
Nov, 1999
11. Reliability Test
Caution
If this product is used under conditions not recommended in the specification or this product is used with unauthorized revision,
classfication for laser product safety standard is invalid. Classify the product again at your responsibility and take appropriate
actions.
12. Laser Safety
This product uses a semiconductor laser system and is a laser class 1
product acc. FDA, complies with 21CFR1040. 10 and 1040.11. Also
this product is a laser class 1 product acc. IEC 825-1.
Bellcore TA-NWT-000983 Issue 2, December 1993
Heading
Test
Reference
Condition
Sampling
SEI Result
LTPD
SS
C
SS
F/C
Mechanical Mechanical
MIL-STD-883
Condition B
Integrity
Shock
Method 2002
5 times/axis
500G, 1.0 ms
20%
11
0
---
---
1,500G, 0.5ms
20%
11
0
11
0
Vibration
MIL-STD-883
Condition A
20%
11
0
11
0
Method 2007
20 G
20-2,000 Hz
4 min/cycle; 4 cycles/axis
Thermal Shock MIL-STD-883
∆T=100°C
20%
110110
Method 1011
Solderability
MIL-STD-883
(steam aging not required) 20%
11
0
11
0
Method 2003
Fiber Pull
1 Kg; 3 times;5sec.
20%
11
0
---
---
2 Kg; 3 times; 5sec.
20%
11
0
---
---
Endurance Accel. Aging
(R)-453
+85C; rated power
(High Temp.)
Section 5.18
>5,000hrs.
---
25
---
25
0
>10,000hrs.
---
10
---
---
---
High Temp.
----------
max. storage T (T=85°C)
20%
11
0
---
---
Storage
>2,000
Low Temp.
----------
min. storage T (T=-40°C)
20%
110110
Storage
>2,000
Temperature
Section 5.20
- 40°C to +85°C
Cycling
400 times pass/fail
20%
11
0
---
---
500 times for info.
---
11
---
---
---
500 times pass/fail
20%
11
0
11
0
1000 times for info.
---
11
---
11
0
Damp Heat
MIL-STD-202 M103 40°C , 95%, 56days
20%
11
0
11
0
(if using epoxy) or IEC 68-2-3
or 85°C /85%RH 2,000hrs. 20%
11
0
---
---
Cyclic Moisture Section 5.23
----------
20%
11
0
11
0
Resistance
Special
Internal
MIL-STD-883
< 5,000 ppm
20%
11
0
11
0
Tests
Moisture
Method 1018
water vapor
Flammability
TR357:Sec. 4.4.2.5 -----------
----
----
---
----
OK
ESD Threshold Section 5.22
-----------
----
6
---
6
0
Class 1 Laser Product


Número de pieza similar - SDT8018-TC-QN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
   DC Input Dual Optocoupler
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Seoul Semiconductor
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
logo
List of Unclassifed Man...
SDT8020-TC-QN ETC1-SDT8020-TC-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
SDT8020-TD-QN ETC1-SDT8020-TD-QN Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
More results

Descripción similar - SDT8018-TC-QN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDT8028 ETC1-SDT8028 Datasheet
178Kb / 9P
   Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com