Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLGSSTU32864 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza SLGSSTU32864
Descripción Electrónicos  DDR2 Configurable Registered Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SLGSSTU32864 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLGSSTU32864 Datasheet HTML 1Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 2Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTU32864 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTU32864E
1
PRELIMINARY
Data is subject to change.
Mar 5, 2004
DDR2 Configurable Registered Buffer
Features:
Compatible with JEDEC standard SSTU32864
Differential Clock inputs
SSTL_18 Clock and data input signaling
Output circuitry minimizes effects of SSO
and unterminated lines
LVCMOS input levels on control and RESET pins
1.7V-1.9V Supply voltage range.
Max Clock frequency > 300MHz
General Description
The SLGSSTU32864 is a configurable registered buffer designed for 1.7V to 1.9V VDD operating range.
When C1 input pin is low, the SLGSSTU32864 is 1:1 25-bit configuration. When C1 input pin is high, the
SLGSSTU32864 is 1:2 14-bit configuration. Additionally, C0 input pin controls the 1:2 pinout as register-A
configuration (if low) , and register-B configuration (if high). The C0,C1, and RESET pins are LVCMOS
input levels.The C0,C1 input pins are not intended to be switched dynamically during normal operation.
They should be tied to logic high or low levels to configure the register.
Data propagation from D to Q is controlled by the differential clock (CLK/CLK) and a control signals. The
rising edge of CLK (crossing with CLK falling) is used to register the Data. All inputs are SSTL_18 except
C0,C1, and RESET pins.
The SLGSSTU32864 supports low-power standby operation. Setting RESET pin to a logic “low” disables
(CLK/CLK) receivers, and allows floating inputs to all other receivers as well (D, VREF , CLK/CLK). Addi-
tionally, all internal registers are reset, and outputs (Q) are set “low”. RESET input pin must always be
driven to a valid logic state “high” or “low”.
RESET, an LVCMOS asynchronous signal, is also intended for use at the time of power-up. RESET must
be held at a logic “low” level during power up. This ensures defined outputs before a stable CLK/CLK is
supplied.
The SLGSSTU32864 supports low-power active operation as it monitors DCS and CSR inputs. The Qn
outputs will be prevented from changing states when both DCS and CSR inputs are high. The Qn outputs
will be allowed to change state if either one of DCS or CSR inputs is low. If DCS control is not desired,
then CSR input should be held low. In that case, the setup and hold times of DCS is the same as the other
D inputs.
Ordering Information:
Package type
Package suffix
Topside marking
Ordering code
LFBGA-96ball
13.5 X 5.5 mm body
X
SLGSSTU32864EX
SLGSSTU32864EX-TR
(2,000 pcs/tape and reel)
LFBGA-96ball
13.5 X 5.5 mm body
X
SLGSSTU32864EX
SLGSSTU32864EX (2,000
pcs/tray)
Applications:
PC3200/4300 DDR2 memory modules
1:1 25-bit or 1:2 14-bit configurable registered
buffer
1.8V data registers


Número de pieza similar - SLGSSTU32864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SLGSSTVF16859 ETC1-SLGSSTVF16859 Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859H ETC1-SLGSSTVF16859H Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859H-TR ETC1-SLGSSTVF16859H-TR Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859V ETC1-SLGSSTVF16859V Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
SLGSSTVF16859V-TR ETC1-SLGSSTVF16859V-TR Datasheet
298Kb / 11P
   DDR 13 to 26 Bit Registered Buffer
More results

Descripción similar - SLGSSTU32864

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32868A IDT-IDT74SSTUBF32868A Datasheet
541Kb / 22P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32S868D RENESAS-ICSSSTUB32S868D Datasheet
525Kb / 21P
   28-Bit Configurable Registered Buffer for DDR2
2019
ICSSSTUAF32868B RENESAS-ICSSSTUAF32868B Datasheet
737Kb / 23P
   28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
logo
Integrated Circuit Syst...
ICSSSTUB32866B ICST-ICSSSTUB32866B Datasheet
540Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUBF32866A ICST-ICSSSTUBF32866A Datasheet
292Kb / 28P
   25-Bit Configurable Registered Buffer for DDR2
logo
Integrated Device Techn...
IDT74SSTUBF32869A IDT-IDT74SSTUBF32869A Datasheet
505Kb / 22P
   14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUB32864A IDT-ICSSSTUB32864A Datasheet
141Kb / 12P
   25-Bit Configurable Registered Buffer for DDR2
ICSSSTUA32864B IDT-ICSSSTUA32864B Datasheet
437Kb / 11P
   25-Bit Configurable Registered Buffer for DDR2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com