Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLF1045T-680M-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza SLF1045T-680M-S
Descripción Electrónicos  SMD Shielded Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SLF1045T-680M-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLF1045T-680M-S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Power Inductors – SLF1045 Series
Electrical Characteristics
Part Number
Inductance
(
µH)
Tolerance
(±%)
Test Frequency
L (kHz)
DC Resistance
(Ω)
±20%
Rated current
Max
Itemp (A)
Max.
SLF1045T-100M-S
10
20
1
0.0364
3
2.5
SLF1045T-150M-S
15
20
1
0.0472
2.4
2.2
SLF1045T-220M-S
22
20
1
0.0591
2.1
1.9
SLF1045T-330M-S
33
20
1
0.0815
1.6
1.7
SLF1045T-470M-S
47
20
1
0.1
1.4
1.5
SLF1045T-680M-S
68
20
1
0.14
1.2
1.3
SLF1045T-101M-S
100
20
1
0.2
1
1.1
SLF1045T-151M-S
150
20
1
0.35
0.79
0.81
SLF1045T-221M-S
220
20
1
0.47
0.65
0.7
SLF1045T-331M-S
330
20
1
0.68
0.54
0.58
SLF1045T-471M-S
470
20
1
1.03
0.47
0.47
SLF1045T-681M-S
680
20
1
1.6
0.38
0.38
SLF1045T-102M-S
1000
20
1
2.8
0.32
0.29
SLF1045T-152M-S
1500
20
1
3.4
0.22
0.26
l
Rated current: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
l
Itemp current: Value obtained when current flows and the temperature has risen to 30℃
l
Test equipment Inductance: HP4192A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
l
RDC:
CH502BC digital multimeter, or equivalent.
All specifications are subject to change without notification.


Número de pieza similar - SLF1045T-680M-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
SLF10000 SEMTECH-SLF10000 Datasheet
85Kb / 2P
   Fast Recovery High Voltage Rectifier Assembly
logo
TDK Electronics
SLF10145 TDK-SLF10145 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF10145 TDK-SLF10145 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF10145 TDK-SLF10145 Datasheet
7Mb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF10145 TDK-SLF10145 Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
More results

Descripción similar - SLF1045T-680M-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com