Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMHF2805SF Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

No. de pieza SMHF2805SF
Descripción Electrónicos  DC/DC CONVERTERS 28 VOLT INPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SMHF2805SF Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SMHF2805SF Datasheet HTML 4Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 5Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 6Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 7Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 8Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 9Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 10Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 11Page - List of Unclassifed Manufacturers SMHF2805SF Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
43
DC/DC CONVERTERS
TABLE 2: PRODUCT ENVIRONMENTAL SCREENING
SMHF SERIES
SINGLE AND DUAL
15 WATT
ENVIRONMENTAL SCREENING
SPACE
TEST PERFORMED
PROTOTYPE
CLASS
CLASS
(END ITEM LEVEL)(O)
H
K
Non-destruct bond pull
Method 2023
no
no
yes
Pre-cap inspection
Method 2017, 2032
yes
yes
yes
Temperature cycle
Method 1010, Cond. C
yes
yes
yes
Constant acceleration
Method 2001, 3000 g
yes
yes
yes
PIND Test
Method 2020, Cond. B
no
yes
yes
Radiography
Method 2012
no
no
yes
Pre burn-in test
yes
yes
yes
Burn-in, Method 1015, 125°C
96 hours
yes
no
no
160 hours
no
yes
no
2 x 160 hour (includes mid BI test)
no
no
yes
Final electrical test
MIL-PRF-38534, Group A
yes
yes
yes
Hermeticity test
Fine Leak,
Method 1014, Cond. A
yes
yes
yes
Gross Leak,
Method 1014, Cond. C
yes
yes
yes
Final visual inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.


Número de pieza similar - SMHF2805SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMHF2805SF/HO INTERPOINT-SMHF2805SF/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805SF/HR INTERPOINT-SMHF2805SF/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805SF/KO INTERPOINT-SMHF2805SF/KO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805SF/KR INTERPOINT-SMHF2805SF/KR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805SF/OO INTERPOINT-SMHF2805SF/OO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Descripción similar - SMHF2805SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S CRANE-MGA2805S Datasheet
121Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
HR701-285 CRANE-HR701-285 Datasheet
121Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
MFW28512S CRANE-MFW28512S Datasheet
123Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com