Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STE26N50 Datasheet(Hoja de datos) 7 Page - STMicroelectronics

No. de Pieza. STE26N50
Descripción  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

   
 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.8
12.2
0.466
0.480
B
8.9
9.1
0.350
0.358
C
1.95
2.05
0.076
0.080
D
0.75
0.85
0.029
0.033
E
12.6
12.8
0.496
0.503
F
25.15
25.5
0.990
1.003
G
31.5
31.7
1.240
1.248
H
4
0.157
J
4.1
4.3
0.161
0.169
K
14.9
15.1
0.586
0.594
L
30.1
30.3
1.185
1.193
M
37.8
38.2
1.488
1.503
N
4
0.157
O
7.8
8.2
0.307
0.322
P
5.5
0.216
B
O
N
J
K
L
M
A
C
G
ISOTOP MECHANICAL DATA
0041565
STE26N50
7/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
STE250N06N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE 1 2 3 4 5 MoreSTMicroelectronics
STE36N50N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR IN ISOTOP PACKAGE 1 2 3 4 5 MoreSTMicroelectronics
STB3NA80N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STD20N06N - CHANNEL ENHANCEMENT MODE ”ULTRA HIGH DENSITY” POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STD3N30N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STH10NA50N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP15N05LN - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP36N05LN - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STP8NA50N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
STU9NA60N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR 1 2 3 4 5 STMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl