Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AON6410 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

No. de pieza AON6410
Descripción Electrónicos  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AOSMD [Alpha & Omega Semiconductors]
Página de inicio  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6410 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON6410 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6410 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6410 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6410 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6410 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6410 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AON6410
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
5
10
15
20
25
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
10
100
1000
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µ
VDS=15V
ID=20A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJc.RθJc
RθJC=3.5°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TC=25°C
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Número de pieza similar - AON6410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AON6411 AOSMD-AON6411 Datasheet
267Kb / 6P
   20V P-Channel MOSFET
AON6413 AOSMD-AON6413 Datasheet
330Kb / 6P
   30V P-Channel MOSFET
AON6414A AOSMD-AON6414A Datasheet
273Kb / 6P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AON6414A VBSEMI-AON6414A Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AON6414AL AOSMD-AON6414AL Datasheet
390Kb / 6P
   30V N-Channel MOSFET
More results

Descripción similar - AON6410

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com