Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-REL4-KG48 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza ST-REL4-KG48
Descripción Electrónicos  Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 N/O contacts, 48 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-REL4-KG48 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  ST-REL4-KG48 Datasheet HTML 1Page - PHOENIX CONTACT ST-REL4-KG48 Datasheet HTML 2Page - PHOENIX CONTACT ST-REL4-KG48 Datasheet HTML 3Page - PHOENIX CONTACT ST-REL4-KG48 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2821258
10/20/2014   Page 2 / 4
Relay connectors - ST-REL4-KG 48/ 1- 1 - 2821258
Technical data
Coil side
Typical release time
10 ms (with DC)
Operating voltage display
Yes
Protective circuit
Bridge rectifier, varistor
Contact side
Contact type
Single contact, 2 N/O contact
Contact material
AgNi
Maximum switching voltage
250 V AC/DC
Maximum inrush current
6 A
Limiting continuous current
5 A
Interrupting rating (ohmic load) max.
120 W (at 24 V DC)
85 W (at 48 V DC)
60 W (at 60 V DC)
40 W (at 110 V DC)
60 W (at 220 V DC)
1250 VA (for 250 V AC)
General
Test voltage relay winding/relay contact
2.5 kV AC (50 Hz, 1 min.)
Test voltage N/O contact/N/O contact
2 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Mechanical service life
Approx. 2 x 107 cycles
Standards/regulations
DIN VDE 0110b, Gr. C for 250 V DC
IEC 60255/DIN VDE 0435 (in relevant parts)
DIN EN 50178/DIN VDE 0160 (in relevant parts)
EN 60730/DIN VDE 0631
DIN VDE 0160 (in relevant parts)
Classifications
eCl@ss
eCl@ss 4.0
27371104
eCl@ss 4.1
27371104
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001


Número de pieza similar - ST-REL4-KG48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
ST-REL4-KG120 PHOENIX-ST-REL4-KG120 Datasheet
84Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 N/O contacts, 120 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL4-KG24 PHOENIX-ST-REL4-KG24 Datasheet
83Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 N/O contacts, 24 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL4-KG60 PHOENIX-ST-REL4-KG60 Datasheet
90Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
More results

Descripción similar - ST-REL4-KG48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
ST-REL4-KG24 PHOENIX-ST-REL4-KG24 Datasheet
83Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 N/O contacts, 24 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL4-KG120 PHOENIX-ST-REL4-KG120 Datasheet
84Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 N/O contacts, 120 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL7-KG48 PHOENIX-ST-REL7-KG48 Datasheet
70Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 48 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL3-KG48 PHOENIX-ST-REL3-KG48 Datasheet
80Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 PDT, 48 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL2-KG48 PHOENIX-ST-REL2-KG48 Datasheet
78Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 N/O contact, 48 V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL7-KG230 PHOENIX-ST-REL7-KG230 Datasheet
69Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 230 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL7-KG60 PHOENIX-ST-REL7-KG60 Datasheet
70Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL7-KG24 PHOENIX-ST-REL7-KG24 Datasheet
69Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 24 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL4-KG60 PHOENIX-ST-REL4-KG60 Datasheet
90Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL3-KG60 PHOENIX-ST-REL3-KG60 Datasheet
80Kb / 4P
   Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 PDT, 60 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com