Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-REL4-SG60 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza ST-REL4-SG60
Descripción Electrónicos  Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-REL4-SG60 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  ST-REL4-SG60 Datasheet HTML 1Page - PHOENIX CONTACT ST-REL4-SG60 Datasheet HTML 2Page - PHOENIX CONTACT ST-REL4-SG60 Datasheet HTML 3Page - PHOENIX CONTACT ST-REL4-SG60 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2825416
10/20/2014   Page 2 / 4
Relay connectors - ST-REL4-SG 60/21-21 - 2825416
Technical data
Coil side
Typical release time
15 ms (with DC)
Operating voltage display
Yes
Protective circuit
Damping diode, polarity protection Damping diode, polarity protection
diode
Contact side
Contact type
Single contact, 2-PDT
Contact material
Ag, gold-flashed
Maximum switching voltage
250 V AC/DC
Maximum inrush current
5 A
Limiting continuous current
5 A
Interrupting rating (ohmic load) max.
120 W (at 24 V DC)
60 W (at 48 V DC)
50 W (at 60 V DC)
50 W (at 110 V DC)
70 W (at 220 V DC)
500 VA (for 250 V AC)
General
Test voltage relay winding/relay contact
1 kV AC (50 Hz, 1 min.)
Test voltage PDT/PDT
1 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Mechanical service life
Approx. 107 cycles (approx. 106 with AC relay)
Standards/regulations
DIN VDE 0110b, Gr. C for 250 V DC
DIN VDE 0160 (in relevant parts)
DIN VDE 0110b, Gr. C for 250 V DC
DIN VDE 0160 (in relevant parts)
Classifications
eCl@ss
eCl@ss 4.0
27371104
eCl@ss 4.1
27371104
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001


Número de pieza similar - ST-REL4-SG60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
ST-REL4-SG110 PHOENIX-ST-REL4-SG110 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG220 PHOENIX-ST-REL4-SG220 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG24 PHOENIX-ST-REL4-SG24 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG24-2 PHOENIX-ST-REL4-SG24-2 Datasheet
91Kb / 4P
   Relay connector, fitted with 2 miniature switching relays, contacts (AgNi): Medium to large loads, 2 x 1 N/O contact, 24 V DC input voltage, with light indicator, can be plugged into basic terminal blocks
ST-REL4-SG48 PHOENIX-ST-REL4-SG48 Datasheet
85Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
More results

Descripción similar - ST-REL4-SG60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
ST-REL3-SG60 PHOENIX-ST-REL3-SG60 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL7-SG60 PHOENIX-ST-REL7-SG60 Datasheet
73Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 4 PDT, input voltage 60 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG24 PHOENIX-ST-REL4-SG24 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG110 PHOENIX-ST-REL4-SG110 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG48 PHOENIX-ST-REL4-SG48 Datasheet
85Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG220 PHOENIX-ST-REL4-SG220 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL7-SG220 PHOENIX-ST-REL7-SG220 Datasheet
73Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 4 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG110 PHOENIX-ST-REL3-SG110 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG48 PHOENIX-ST-REL3-SG48 Datasheet
75Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG220 PHOENIX-ST-REL3-SG220 Datasheet
78Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com