Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JFN1104LS-AR Datasheet(PDF) 18 Page - STANLEY ELECTRIC CO.,LTD.

No. de pieza JFN1104LS-AR
Descripción Electrónicos  Wide range temperature applicable product
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JFN1104LS-AR Datasheet(HTML) 18 Page - STANLEY ELECTRIC CO.,LTD.

Back Button JFN1104LS-AR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 22Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
JFN1104LS-AR
Taping and Reel Specifications
(acc.to JIS-C0806-03)
【Qty. per Reel】
【Mechanical strength】
【Others】
2,000parts/reel
Minimum Qty. per reel might be 500 parts when getting less than 2,000 parts. In such case, parts
of 500-unit-qty. shall be packed in a reel and the qty. shall be identified on the label.
Cover-tape adhesive strength shall be 0.1~1.0N ( An angle between carrier-tape and cover-tape shall
be170 deg. ) Both tapes shall be so sealed that the contained parts will not come out from the tape
when it is bent at a radius of 15mm.
Qty./reel
Max. qty. of empty pocket
Remark
500
1
-
1,000
1
-
1,500
1
-
2,000
2
No continuance
Reversed-orientation, Up-side down placing, side placing and out of spec. parts mixing shall not be held.
Max. qty. of empty pocket per reel shall be defined as follows.
Page : 18
2013.6.21


Número de pieza similar - JFN1104LS-AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
jb Capacitors Company
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
More results

Descripción similar - JFN1104LS-AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STANLEY ELECTRIC CO.,LT...
VFSY1104LS-TR STANLEY-VFSY1104LS-TR Datasheet
823Kb / 22P
   Wide range temperature applicable product
VCHB1104LSE-TR STANLEY-VCHB1104LSE-TR Datasheet
776Kb / 23P
   Wide range temperature applicable product
VCEG1104LS-TR STANLEY-VCEG1104LS-TR Datasheet
823Kb / 23P
   Wide range temperature applicable product
VFSR1104LS-TR STANLEY-VFSR1104LS-TR Datasheet
844Kb / 22P
   Wide range temperature applicable product
VCEB1104LS-TR STANLEY-VCEB1104LS-TR Datasheet
837Kb / 23P
   Wide range temperature applicable product
JGN1104LS-AR STANLEY-JGN1104LS-AR Datasheet
649Kb / 23P
   Wide range temperature applicable product
1104LS STANLEY-1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
VCEW1154LDS-3C4K3-TR STANLEY-VCEW1154LDS-3C4K3-TR Datasheet
793Kb / 24P
   Wide range temperature applicable product
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com