Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISO224 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ISO224
Descripción Electrónicos  Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ISO224 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments ISO224 Datasheet HTML 17Page - Texas Instruments ISO224 Datasheet HTML 18Page - Texas Instruments ISO224 Datasheet HTML 19Page - Texas Instruments ISO224 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ISO224
GND2
TLV6001
+
±
VDD1
VIN
VCAP
GND1
VDD2
VOUTP
VOUTN
GND2
VCMADC
To ADC
16
ISO224
SBAS738 – JUNE 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.2 Detailed Design Procedure
The high-side power supply (VDD1) for the device is generated with a suitable isolated power source. An
example of such a circuit is provided in the Power Supply Recommendations section.
The floating ground reference (GND1) is derived from one of the ends of the shunt resistor that is connected to
the negative input of the device (VINN). If a four-pin shunt is used, the inputs of the device are connected to the
inner leads and GND1 is connected to one of the outer shunt leads.
Use Ohm's Law to calculate the minimum total resistance of the resistive divider to limit the cross current IAC to
the desired value: R1 + R2 = VAC / IAC. The input voltage at the ISO224 results from the resistance ratio of R1 and
R2 and the actual AC voltage: VIN = VAC x R2 / (R1 + R2).
Consider the following two restrictions to choose the proper value of the R1 and R2 resistors:
The voltage drop on R2 caused by the nominal AC voltage range of the system must not exceed the
recommended input voltage range VIN of the ISO224
The voltage drop on R2 caused by the maximum allowed system overvoltage must not exceed the input
voltage that causes a clipping output: VIN ≤ VClipping
Table 2 lists examples of nominal E96-series (1% accuracy) resistor values for AC systems using 120 V, 240 V,
and 400 V as nominal voltages.
Table 2. Resistor Value Examples
PARAMETER
120-VAC SYSTEM
240-VAC SYSTEM
400-VAC SYSTEM
Resistive divider resistor R1
115 kΩ
237 kΩ
392 kΩ
Resistive divider resistor R2
12.7 kΩ
12.4 kΩ
12.1 kΩ
Resulting current through resistive divider IAC
0.93 mA
0.93 mA
0.98 mA
Resulting input voltage VIN
±11.934 V
±11.933 V
±11.977 V
For systems using single-ended input ADCs with a 5-V supply, Figure 10 shows an example of a TLV6001-based
signal conversion and filter circuit. Tailor the bandwidth of this filter stage to the bandwidth requirement of the
system and use NP0-type capacitors for best performance.
Figure 10. Connecting the ISO224 Output to a Single-Ended Input 5-V ADC
For systems using single-ended, ±10-V input ADCs, the ISO224EVM offers a signal path based on an OPA277
that converts the differential output of the ISO224 and limits the signal bandwidth to 50 kHz.
For more information on the general procedure to design the filtering and driving stages of SAR ADCs, consult
the TI Precision Designs 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise
and 18-Bit Data Acquisition Block (DAQ) Optimized for Lowest Power, available for download at www.ti.com.


Número de pieza similar - ISO224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
logo
Burr-Brown (TI)
ISO212JP BURR-BROWN-ISO212JP Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
ISO212JP-15 BURR-BROWN-ISO212JP-15 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
More results

Descripción similar - ISO224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
[Old version datasheet]   Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1302-Q1 TI1-AMC1302-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of (,-)50 mV, and High Bandwidth of 280 kHz
AMC1302 TI1-AMC1302 Datasheet
643Kb / 24P
[Old version datasheet]   Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com