Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE6404 Datasheet(PDF) 2 Page - NTE Electronics

No. de pieza NTE6404
Descripción Electrónicos  Silicon Unilateral Switch (SUS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6404 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6404 Datasheet HTML 1Page - NTE Electronics NTE6404 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics (Cont’d)
Reverse Current
IR
VR = –30V, TA = +25°C
0.1
µA
VR = –30V, TA = +100°C
10
µA
Forward Current (Off–State)
IB
VF = 5V, TA = +25°C
0.1
µA
VF = 5V, TA = +25°C
10
µA
Forward Voltage Drop (On–State)
VF
IF = 175mA
1.5
V
Temperature Coefficient of Switching Voltage
TC
TA = –55° to +100°C
±0.02
%/
°C
Dymanic Characteristics
Turn–On Time
ton
1.0
µs
Turn–Off Time
toff
25
µs
Capacitance
C
f = 1MHz
2.5
pF
A G K
.190 (4.82) Min
.265
(6.74)
Max
.500
(12.7)
Min
.100 (2.54)
.200 (5.08) Max
.140 (3.55) Max


Número de pieza similar - NTE6404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
   Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
   Programmable Unijunction Transistor (PUT)
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
   Integrated Circuit Silicon Bilateral Switch (SBS)
More results

Descripción similar - NTE6404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N4988 ETC-2N4988 Datasheet
10Kb / 1P
   Silicon unilateral switch (SUS) in package TO-92
2N4987 ETC-2N4987 Datasheet
10Kb / 1P
   Silicon unilateral switch (SUS) in package TO-92
2N4990 ETC-2N4990 Datasheet
10Kb / 1P
   Silicon unilateral switch (SUS) in package TO-92
logo
General Semiconductor
2N4989 GE-2N4989 Datasheet
169Kb / 7P
   SILICON UNILATERAL SWITCH
logo
New Jersey Semi-Conduct...
2N4987 NJSEMI-2N4987 Datasheet
136Kb / 1P
   SUS
logo
VITALCONN ELECTRONICS H...
JS2621G1N401 VITALCONN-JS2621G1N401 Datasheet
251Kb / 1P
   RJ45 8P8C 2X6 SUS WITH LED
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com