Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS4B01G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza TS4B01G
Descripción Electrónicos  Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

TS4B01G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS4B01G Datasheet HTML 1Page - List of Unclassifed Manufacturers TS4B01G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 654 -
.118(3.0)X45
0
.043(1.1)
.035(0.9)
.087(2.2)
.071(1.8)
.303(7.7)
.287(7.3)
.030(0.75)
.022(0.55)
.709(18)
.669(17)
.068(1.73)
.060(1.52)
.176(4.37)
.156(3.96)
.147(3.7)
.130(3.3)
.602(15.3)
.579(14.7)
.134(3.4)
.122(3.1)
.996(25.3)
.972(24.7)
.366(9.3)
.382(9.7)
TS4B01G THRU TS4B07G
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
4.0 Amperes
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters
Laboratory Flammability Classification
94V-0
Surge overload rating to 120 amperes
peak
High case dielectric strength of 2000VRMS
Case: Molded plastic
Weight: 0. 15 ounce, 4 grams
Mounting torque: 5 in. lbs. Max.
TS4B
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS4B
01G
TS4B
02G
TS4B
03G
TS4B
04G
TS4B
05G
TS4B
06G
TS4B
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
@TC = 115
I(AV)
4.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sne-wave Superimposed on Rated Load
(JEDEC method )
IFSM
120
A
Maximum Instantaneous Forward Voltage
@ 4.0A
VF
1.0
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note)
R
θJC
5.5
℃/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to + 150
Note: Thermal Resistance from Junction to Case with Device Mounted on 2” x 3” x
0.25” Al-Plate
Heatsink.


Número de pieza similar - TS4B01G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS4B01G TSC-TS4B01G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
60Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
432Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
217Kb / 4P
   Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G_1 Datasheet
60Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Descripción similar - TS4B01G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_1 Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBLA005 TSC-GBLA005 Datasheet
52Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D4UB05 KINGTRONICS-D4UB05_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBL005 TSC-GBL005_1 Datasheet
206Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G Datasheet
54Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_1 Datasheet
263Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU401 TSC-GBU401_1 Datasheet
220Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBL401G BYTESONIC-GBL401G Datasheet
446Kb / 2P
   SINGLE PHASE 4.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
UR4KB005 TSC-UR4KB005 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com