Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8264 Datasheet(PDF) 16 Page - Analog Devices

No. de pieza AD8264
Descripción Electrónicos  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8264_16 Datasheet HTML 12Page - Analog Devices AD8264_16 Datasheet HTML 13Page - Analog Devices AD8264_16 Datasheet HTML 14Page - Analog Devices AD8264_16 Datasheet HTML 15Page - Analog Devices AD8264_16 Datasheet HTML 16Page - Analog Devices AD8264_16 Datasheet HTML 17Page - Analog Devices AD8264_16 Datasheet HTML 18Page - Analog Devices AD8264_16 Datasheet HTML 19Page - Analog Devices AD8264_16 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD8264
Data Sheet
Rev. B | Page 16 of 40
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
0
20
40
10
50
30
VGAIN (V)
f = 35MHz, OIP3L
f = 35MHz, OIP3H
f = 100MHz, OIP3L
f = 100MHz, OIP3H
f = 1MHz, OIP3L
f = 1MHz, OIP3H
f = 10MHz, OIP3L
f = 10MHz, OIP3H
Figure 51. OIP3 vs. VGAIN vs. Frequency to VGAx
0
10M
FREQUENCY (Hz)
1M
100M
HIGH TONE, f + 50kHz
LOW TONE, f – 50kHz
−20
−40
−60
−80
−100
VOUT = 1V p-p
Figure 52. IMD3 vs. Frequency to Differential Output
0
20
40
10
50
30
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
f = 1MHz, OIP3L
f = 1MHz, OIP3H
f = 10MHz, OIP3L
f = 10MHz, OIP3H
f = 35MHz, OIP3L
f = 35MHz, OIP3H
VGAIN (V)
Figure 53. OIP3 vs. Frequency to Differential Output
VGAx (VS = ±5V)
DIFF OUT (VS = ±5V)
VGAx (VS = ±3.3V)
DIFF OUT (VS = ±3.3V)
VGAx (VS = ±2.5V)
DIFF OUT (VS = ±2.5V)
VGAIN (V)
−15
0
10
−10
20
−5
15
5
0.7
0.5
0.3
0.1
–0.1
–0.3
–0.5
–0.7
Figure 54. Input P1dB vs. VGAIN
–0.10
–0.05
0
0.05
0.10
–40
–20
0
20406080
100
TIME (ns)
VGAIN = 0.7V
Figure 55. Small Signal Pulse Response to VGAx
–40
–20
0
20
40
60
80
100
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
TIME (ns)
VGAIN = 0.7V
Figure 56. Small Signal Pulse Response to Differential Output


Número de pieza similar - AD8264_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8264-EVALZ AD-AD8264-EVALZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ AD-AD8264ACPZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ-R7 AD-AD8264ACPZ-R7 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ-RL AD-AD8264ACPZ-RL Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
More results

Descripción similar - AD8264_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8264 AD-AD8264 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
logo
Maxim Integrated Produc...
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
   DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com