Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8264 Datasheet(PDF) 22 Page - Analog Devices

No. de pieza AD8264
Descripción Electrónicos  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8264 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8264_16 Datasheet HTML 18Page - Analog Devices AD8264_16 Datasheet HTML 19Page - Analog Devices AD8264_16 Datasheet HTML 20Page - Analog Devices AD8264_16 Datasheet HTML 21Page - Analog Devices AD8264_16 Datasheet HTML 22Page - Analog Devices AD8264_16 Datasheet HTML 23Page - Analog Devices AD8264_16 Datasheet HTML 24Page - Analog Devices AD8264_16 Datasheet HTML 25Page - Analog Devices AD8264_16 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
AD8264
Data Sheet
Rev. B | Page 22 of 40
PrA
6dB
+
6dB
+
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
GNLO
50Ω
DIFFERENTIAL
PROBE
CH1
CH2
50Ω
50Ω
VS
VSUPPLY
NETWORK ANALYZER
500Ω
500Ω
Figure 82. OFSx Frequency Response to Differential Output (See Figure 22)
PrA
6dB
+
6dB
+
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VOCM
VGAx
AD8264
OVEN
GNLO
DC
METER
500Ω
500Ω
500Ω
VGAIN
Figure 83. Output Offset Voltage vs. VGAIN vs. Temperature
(See Figure 26 and Figure 27)
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
50Ω
CH2
CH1
50Ω
50Ω
NETWORK ANALYZER
VS
VSUPPLY
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
Figure 84. Output Resistance vs. Frequency
(See Figure 30 and Figure 31)
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
CH2
CH1
50Ω
50Ω
SPECTRUM ANALYZER
VGAIN
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
AD8129
10×
AD8129
10×
Figure 85. Output Referred Noise vs. VGAIN (See Figure 32)
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
CH2
CH1
50Ω
50Ω
220Ω
SPECTRUM ANALYZER
IPPx
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
AD8129
10×
AD8129
10×
50Ω
Figure 86. Input Referred Noise vs. Frequency (See Figure 34)
PrA
6dB
+
6dB
+
VOCM
AD8264
GNLO
IPPx
NOISE
SOURCE
NOISE METER
50Ω
50Ω
IPNx
GNHx
VOLx
VOHx
OFSx
VGAx
VGAIN
Figure 87. Noise Figure vs. VGAIN (See Figure 36)


Número de pieza similar - AD8264_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8264-EVALZ AD-AD8264-EVALZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ AD-AD8264ACPZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ-R7 AD-AD8264ACPZ-R7 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ-RL AD-AD8264ACPZ-RL Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
More results

Descripción similar - AD8264_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8264 AD-AD8264 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
logo
Maxim Integrated Produc...
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
   DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com