Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC900LP5E Datasheet(PDF) 26 Page - Analog Devices

No. de pieza HMC900LP5E
Descripción Electrónicos  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

HMC900LP5E Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC900LP5E Datasheet HTML 18Page - Analog Devices HMC900LP5E Datasheet HTML 19Page - Analog Devices HMC900LP5E Datasheet HTML 20Page - Analog Devices HMC900LP5E Datasheet HTML 21Page - Analog Devices HMC900LP5E Datasheet HTML 22Page - Analog Devices HMC900LP5E Datasheet HTML 23Page - Analog Devices HMC900LP5E Datasheet HTML 24Page - Analog Devices HMC900LP5E Datasheet HTML 25Page - Analog Devices HMC900LP5E Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 26
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
Table 25. Reg 0Dh - OTP Write Pulse
OTP strobe register is used in programming of OTP.
Bit
Name
Width
Default
Description
[23:0]
reserved
1
0
reserved
Table 26. Reg 0Eh - RC-BIST Enable
Bit
Name
Width
Default
Description
[0]
enable_RCBIsT_mode
1
0
RC-BIsT mode enable
[23:1]
unused
Table 27. Reg 0Fh - RC-BIST Out
Bit
Name
Width
Default
Description
[15:0]
crc_BIsT[15:0]
16
0
RC-BIsT CRC check result
[16]
crc_RC-BIsT_busy_flag
1
0
RC-BIsT busy flag. Indicates that BIsT cycle is not completed and data crc_
BIsT[15:0] is invalid
[23:17]
unused
Table 28. Reg 10h to Reg1A - Window Threshold
OTP strobe register is used in programming of OTP.
Bit
Name
Width
Default
Description
[23:0]
reserved
reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Número de pieza similar - HMC900LP5E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results

Descripción similar - HMC900LP5E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Johanson Technology Inc...
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
logo
Hittite Microwave Corpo...
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
   PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com