Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6059 Datasheet(PDF) 2 Page - Microsemi Corporation

No. de Pieza. 2N6059
Descripción  NPN DARLINGTON POWER SILICON TRANSISTOR
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo 

2N6059 Datasheet(HTML) 2 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6058, 2N6059 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(2)
Forward-Current Transfer Ratio
IC = 1.0 Adc, VCE = 3.0 Vdc
IC = 6.0 Adc, VCE = 3.0 Vdc
IC = 12 Adc, VCE = 3.0 Vdc
hFE
1,000
1,000
150
18,000
Collector-Emitter Saturation Voltage
IC = 12 Adc, IB = 120 mAdc
IC = 6.0 Adc, IB = 24 mAdc
VCE(sat)
3.0
2.0
Vdc
Base-Emitter Saturation Voltage
IC = 12 Adc, IB = 120 mAdc
VBE(sat)
4.0
Vdc
Base-Emitter Voltage
IC = 6.0 Adc, VCE = 3.0 Vdc
VBE
2.8
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 5.0Adc, VCE = 3.0 Vdc, f = 1.0 MHz
h
fe
10
250
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 5.0 Adc, VCE = 3.0 Vdc, f = 1.0 kHz
hfe
1,000
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
300
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 30 Vdc; IC = 5.0 Adc; IB = 20 mAdc
ton
2.0
µs
Turn-Off Time
VCC = 30 Vdc; IC = 5.0 Adc; IB1 = IB2 = 20 mAdc
toff
10
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C + 100C, -00, 1 Cycle, t
≥ 1.0 s
Test 1
VCE = 12.5 Vdc, IC = 12 Adc
Test 2
VCE = 30 Vdc, IC = 5.0 Adc
Test 3
VCE = 70 Vdc, IC = 200 mAdc
2N6058
Test 4
VCE = 90 Vdc, IC = 155 mAdc
2N6059
(2) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Html Pages

1  2