Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFX125C-3F900I Datasheet(PDF) 3 Page - Lattice Semiconductor

No. de pieza LFX125C-3F900I
Descripción Electrónicos  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX125C-3F900I Datasheet(HTML) 3 Page - Lattice Semiconductor

  LFX125C-3F900I Datasheet HTML 1Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 2Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 3Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 4Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 5Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 6Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 7Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 8Page - Lattice Semiconductor LFX125C-3F900I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
3
Architecture Overview
The ispXPGA architecture is a symmetrical architecture consisting of an array of Programmable Function Units
(PFUs) enclosed by Input Output Groups (PICs) with columns of sysMEM Embedded Block RAMs (EBRs) distrib-
uted throughout the array. Figure 1 illustrates the ispXPGA architecture. Each PIC has two corresponding sysIO
blocks, each of which includes one input and output buffer. On two sides of the device, between the PICs and the
sysIO blocks, there are sysHSI High-Speed Interface blocks. The symmetrical architecture allows designers to eas-
ily implement their designs, since any logic function can be placed in any section of the device.
The PFUs contain the basic building blocks to create logic, memory, arithmetic, and register functions. They are
optimized for speed and flexibility allowing complex designs to be implemented quickly and efficiently.
The PICs interface the PFUs and EBRs to the external pins of the device. They allow the signals to be registered
quickly to minimize setup times for high-speed designs. They also allow connections directly to the different logic
elements for fast access to combinatorial functions.
The sysMEM EBRs are large, fast memory elements that can be configured as RAM, ROM, FIFO, and other stor-
age types. They are designed to facilitate both single and dual-port memory for high-speed applications.
These three components of the architecture are interconnected via a high-speed, flexible routing array. The routing
array consists of Variable Length Interconnect (VLI) lines between the PICs, PFUs, and EBRs. There is additional
routing available to the PFU for feedback and direct routing of signals to adjacent PFUs or PICs.
The sysIO blocks consist of configurable input and output buffers connected directly to the PICs. These buffers can
be configured to interface with 16 different I/O standards. This allows ispXPGA to interface with other devices with-
out the need for external transceivers.
The sysHSI blocks provide the necessary components to allow the ispXPGA device to transfer data at up to
850Mbps using the LVDS standard. These components include serializing, de-serializing, and clock data recovery
(CDR) logic.
The sysCLOCK blocks provide clock multiplication/division, clock distribution, delay compensation, and increased
performance through the use of PLL circuitry that manipulates the global clocks. There is one sysCLOCK block for
each global clock tree in the device.


Número de pieza similar - LFX125C-3F900I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFX125C-3F900I LATTICE-LFX125C-3F900I Datasheet
535Kb / 115P
   ispXPGA Family
More results

Descripción similar - LFX125C-3F900I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com