Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC378PCQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74AC378PCQB
Descripción Electrónicos  Parallel D Register with Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74AC378PCQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74AC378PCQB Datasheet HTML 1Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 2Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 3Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 4Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 5Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 6Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 7Page - National Semiconductor (TI) 74AC378PCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’AC
20V to 60V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74AC
b
40 Cto a85 C
54AC
b
55 Cto a125 C
Minimum Input Edge Rate (DV Dt)
’AC Devices
VIN from 30% to 70% of VCC
VCC
33V 45V 55V
125 mVns
DC Characteristics for ’AC Family Devices
74AC
54AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
30
15
21
21
21
VOUT e 01V
Input Voltage
45
225
315
315
315
V
or VCC b 01V
55
275
385
385
385
VIL
Maximum Low Level
30
15
09
09
09
VOUT e 01V
Input Voltage
45
225
135
135
135
V
or VCC b 01V
55
275
165
165
165
VOH
Minimum High Level
30
299
29
29
29
IOUT eb50 mA
Output Voltage
45
449
44
44
44
V
55
549
54
54
54
VIN e VIL or VIH
30
256
24
246
b
12 mA
45
386
37
376
V
IOH
b
24 mA
55
486
47
476
b
24 mA
VOL
Maximum Low Level
30
0002
01
01
01
IOUT e 50 mA
Output Voltage
45
0001
01
01
01
V
55
0001
01
01
01
VIN e VIL or VIH
30
036
05
044
12 mA
45
036
05
044
V
IOL
24 mA
55
036
05
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
A
VI e VCC GND
Leakage Current
All outputs loaded thresholds on input associated with output under test
3


Número de pieza similar - 74AC378PCQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74AC373 ONSEMI-74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
logo
STMicroelectronics
74AC373B STMICROELECTRONICS-74AC373B Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
More results

Descripción similar - 74AC378PCQB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74AC378 MOTOROLA-MC74AC378 Datasheet
186Kb / 7P
   PARALLEL D REGISTER WITH ENABLE
logo
National Semiconductor ...
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
Fairchild Semiconductor
74F378 FAIRCHILD-74F378 Datasheet
56Kb / 6P
   Parallel D-Type Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com