Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74AC378DCQB Datasheet(Hoja de datos) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de Pieza. 74AC378DCQB
Descripción  Parallel D Register with Enable
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo 

   
 3 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’AC
20V to 60V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74AC
b
40 Cto a85 C
54AC
b
55 Cto a125 C
Minimum Input Edge Rate (DV Dt)
’AC Devices
VIN from 30% to 70% of VCC
VCC
33V 45V 55V
125 mVns
DC Characteristics for ’AC Family Devices
74AC
54AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
TA e
Units
Conditions
(V)
b
55 Cto a125 C
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
30
15
21
21
21
VOUT e 01V
Input Voltage
45
225
315
315
315
V
or VCC b 01V
55
275
385
385
385
VIL
Maximum Low Level
30
15
09
09
09
VOUT e 01V
Input Voltage
45
225
135
135
135
V
or VCC b 01V
55
275
165
165
165
VOH
Minimum High Level
30
299
29
29
29
IOUT eb50 mA
Output Voltage
45
449
44
44
44
V
55
549
54
54
54
VIN e VIL or VIH
30
256
24
246
b
12 mA
45
386
37
376
V
IOH
b
24 mA
55
486
47
476
b
24 mA
VOL
Maximum Low Level
30
0002
01
01
01
IOUT e 50 mA
Output Voltage
45
0001
01
01
01
V
55
0001
01
01
01
VIN e VIL or VIH
30
036
05
044
12 mA
45
036
05
044
V
IOL
24 mA
55
036
05
044
24 mA
IIN
Maximum Input
55
g
01
g
10
g
10
m
A
VI e VCC GND
Leakage Current
All outputs loaded thresholds on input associated with output under test
3




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
54F379DMQuad Parallel Register with Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
T74LS379Quad parallel register with enable 1 2 3 4 STMicroelectronics
T74LS378Hex Parallel D register with enable 1 2 3 4 STMicroelectronics
MC74AC378PARALLEL D REGISTER WITH ENABLE 1 2 3 4 5 MoreMotorola, Inc
54LS379Quad Parallel Register with Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
MC74AC379Quad Parallel Register with Enable 1 2 3 4 5 MoreMotorola, Inc
74F378Parallel D-Type Register with Enable 1 2 3 4 5 MoreFairchild Semiconductor
74F379Quad Parallel Register with Enable 1 2 3 4 5 MoreFairchild Semiconductor
54F378DMParallel D Register with Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
74F3228-bit serial/parallel register with sign extend 3-State 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl