Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA28F400CV-T80 Datasheet(PDF) 48 Page - Intel Corporation

No. de pieza TPA28F400CV-T80
Descripción Electrónicos  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

TPA28F400CV-T80 Datasheet(HTML) 48 Page - Intel Corporation

Back Button TPA28F400CV-T80 Datasheet HTML 44Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 45Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 46Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 47Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 48Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 49Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 50Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 51Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
2-MBIT SmartVoltage BOOT BLOCK FAMILY
E
48
SEE NEW DESIGN RECOMMENDATIONS
NOTES:
1. All currents are in RMS unless otherwise noted. Typical values at V
CC = 5.0 V, T = +25 °C. These currents are valid for all
product versions (packages and speeds).
2. I
CCES is specified with device de-selected. If device is read while in erase suspend, current draw is sum of ICCES and ICCR.
3. Block erases and word/byte programs inhibited when V
PP = VPPLK, and not guaranteed in the range between VPPH1 and
V
PPLK.
4. Sampled, not 100% tested.
5. Automatic Power Savings (APS) reduces I
CCR to less than 1 mA typical, in static operation.
6. CMOS Inputs are either V
CC ± 0.2 V or GND ± 0.2 V. TTL Inputs are either VIL or VIH.
7. For the 28F002B address pin A
10 follows the COUT capacitance numbers.
8. For all BV/CV parts, V
LKO = 2.0 V for 3.3 V and 5.0 V operations.
TEST POINTS
INPUT
OUTPUT
1.5
3.0
0.0
1.5
0530_12
NOTE:
AC test inputs are driven at 3.0 V for a logic “1” and 0.0 V for a logic “0.” Input timing begins, and output timing ends, at 1.5 V.
Input rise and fall times (10% to 90%) <10 ns.
Figure 19. 3.3 V Input Range and Measurement Points
TEST POINTS
INPUT
OUTPUT
2.0
0.8
0.8
2.0
2.4
0.45
0530_13
NOTE:
AC test inputs are driven at VOH (2.4 VTTL) for a logic “1” and VOL (0.45 VTTL) for a logic “0.” Input timing begins at VIH (2.0 VTTL)
and VIL (0.8 VTTL). Output timing ends at VIH and VIL. Input rise and fall times (10% to 90%) < 10 ns.
Figure 20. 5 V Input Range and Measurement Points
CL
OUT
VCC
DEVICE
UNDER
TEST
R1
R2
0530_14
NOTE: See table for component values.
Figure 21. Test Configuration
Test Configuration Component Values
Test Configuration
CL (pF) R1 (
Ω)R2 (Ω)
3.3 V Standard Test
50
990
770
5 V Standard Test
100
580
390
NOTE: CL includes jig capacitance.


Número de pieza similar - TPA28F400CV-T80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Descripción similar - TPA28F400CV-T80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com