Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9520-100A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BUK9520-100A
Descripción Electrónicos  TrenchMOS logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9520-100A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9520-100A Datasheet HTML 3Page - NXP Semiconductors BUK9520-100A Datasheet HTML 4Page - NXP Semiconductors BUK9520-100A Datasheet HTML 5Page - NXP Semiconductors BUK9520-100A Datasheet HTML 6Page - NXP Semiconductors BUK9520-100A Datasheet HTML 7Page - NXP Semiconductors BUK9520-100A Datasheet HTML 8Page - NXP Semiconductors BUK9520-100A Datasheet HTML 9Page - NXP Semiconductors BUK9520-100A Datasheet HTML 10Page - NXP Semiconductors BUK9520-100A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
BUK9520-100A; BUK9620-100A
TrenchMOS™ logic level FET
Product specification
Rev. 01 — 7 February 2001
7 of 15
9397 750 07915
© Philips Electronics N.V. 2001. All rights reserved.
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =VGS
Fig 9.
Gate-source threshold voltage as a function of
junction temperature.
Fig 10. Sub-threshold drain current as a function of
gate-source voltage.
Tj =25 °C; VDS =25V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of
drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values.
03aa33
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
max
typ
min
V
GS(th)
T
j
(
o
C)
(V)
03aa36
0
0.5
1
1.5
2
2.5
3
max
typ
min
I
D
V
GS
(V)
10-6
10-5
10-4
10-3
10-2
10-1
(A)
03nd82
0
20
40
60
80
100
120
0
20406080
ID (A)
gfs
(S)
03nd87
0
2000
4000
6000
8000
10000
12000
10-2
10-1
1
10
102
VDS (V)
C (pF)
Ciss
Coss
Crss


Número de pieza similar - BUK9520-100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK9520-100A ISC-BUK9520-100A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9520-100A NEXPERIA-BUK9520-100A Datasheet
477Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 7 February 2011
logo
NXP Semiconductors
BUK9520-100A PHILIPS-BUK9520-100A_15 Datasheet
388Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-7 February 2011
More results

Descripción similar - BUK9520-100A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com