Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5601MP13X Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FAN5601MP13X
Descripción Electrónicos  Regulated Step-Down Charge Pump DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5601MP13X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5601MP13X Datasheet HTML 6Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 7Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 8Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 9Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 10Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 11Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 12Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 13Page - Fairchild Semiconductor FAN5601MP13X Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PRODUCT SPECIFICATION
FAN5601
10
REV. 1.0.4 4/4/05
Detailed Description
The FAN5601 switched capacitor DC/DC converter auto-
matically configures switches to achieve a high efficiency
and provides a regulated output voltage by means of pulse
skipping, pulse frequency modulation (PFM). An internal
soft start circuit prevents excessive inrush current drawn
from the supply. Each switch is split into three segments.
Based on the values of VIN, VOUT and IOUT, an internal cir-
cuitry determines the number of segments to be used to
reduce current spikes.
Step-Down Charge Pump Operation
When VIN ≥ 2.22 × VOUT, a 2:1 configuration shown in
Fig.1(A) is enabled. The factor 0.9 is used instead of 1 in
order to account for the effect of resistive losses across the
switches and to accommodate hysteresis in the voltage detec-
tor comparator. Two phase non-overlapping clock signals are
generated to drive four switches. When switches 1 and 3 are
ON, switches 2 and 4 are OFF and CB is charged. When
switches 2 and 4 are ON, switches 1 and 3 are OFF, charge is
transferred from CB to COUT.
When VIN <2.22 × VOUT, a 1:1 configuration shown in
Fig. 1(B) is enabled. In the 1:1 configuration switch 3 is
always OFF and the switch 4 is always ON. At 1.6V output
setting the configuration changes from 2:1 to 1:1 at VIN =
3.56V. At 1.3V output setting the change occurs at VIN =
3.06V
.
Pulse-skipping PFM and Fractional Switch
Operation
When the regulated output voltage reaches its upper limit,
the switches are turned off the output voltage reaches its
lower limit. Considering a step-down 2:1 mode of operation,
1.6V output as an example, when the output reaches about
1.62V(upper limit), the control logic turns off all switches.
Switching stops completely. This is pulse-skipping mode.
Since the supply is isolated from the output, the output volt-
age will drop. Once the output is dropped to about
1.58V(lower limit), the device will return to regular switch-
ing mode with one quarter of each switch turning on first.
Another quarter of each switch will be turned on if VOUT
cannot reach regulation by the time of arrival of the third
Block Diagram
UVLO
+
-
SHUTDOWN
CONTROL
LOGIC
CONFIGURATION
PULSE_SKIP
SHORT_CKT.
+
-
+
-
+
-
THERMAL
SHUTDOWN
IN
OUT
Vref RAMP
FB
OUTPUT
150mV
1V
0.5* INPUT
VOLTAGE
REF.
SOFT START
Vref RAMP
OSCILLATOR
(2MHz)
C+
C-
ENABLE
V IN
GND.
D
R
I
V
E
R
S
0.25SW1
0.25SW1
0.25SW4
0.25SW4 0.5SW4
0.25SW3
0.25SW3 0.5SW3
0.5SW2
0.25SW2
0.25SW2
0.5SW1
FB
VOUT


Número de pieza similar - FAN5601MP13X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Descripción similar - FAN5601MP13X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com