Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS4685 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDS4685
Descripción Electrónicos  40V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4685 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS4685 Datasheet HTML 1Page - Fairchild Semiconductor FDS4685 Datasheet HTML 2Page - Fairchild Semiconductor FDS4685 Datasheet HTML 3Page - Fairchild Semiconductor FDS4685 Datasheet HTML 4Page - Fairchild Semiconductor FDS4685 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.fairchildsemi.com
FDS4685 Rev. C(W)
Typical Characteristics:
0
2
4
6
8
10
05
10
15
20
25
30
35
40
Qg, GATE CHARGE (nC)
ID = -8.2A
VDS = -10V
-20V
-30V
0
500
1000
1500
2000
2500
05
10
15
20
25
30
35
40
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-V
DS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
R
DS(ON) LIMIT
V
GS = -10V
SINGLE PULSE
RθJA = 125°C/W
T
A = 25° C
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
T
A = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * Rθ JA
RθJA = 125
°C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
D = 0.5
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2


Número de pieza similar - FDS4685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TECH PUBLIC Electronics...
FDS4685 TECHPUBLIC-FDS4685 Datasheet
3Mb / 5P
   P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Descripción similar - FDS4685

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS4675 FAIRCHILD-FDS4675 Datasheet
73Kb / 5P
   40V P-Channel PowerTrench MOSFET
FDD4243 FAIRCHILD-FDD4243 Datasheet
419Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
   40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com