Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KFH2G16Q2M-DEB5 Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KFH2G16Q2M-DEB5
Descripción Electrónicos  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH2G16Q2M-DEB5 Datasheet(HTML) 4 Page - Samsung semiconductor

  KFH2G16Q2M-DEB5 Datasheet HTML 1Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 2Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 3Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 4Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 5Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 6Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 7Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 8Page - Samsung semiconductor KFH2G16Q2M-DEB5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
4
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
Revision History
Revision No.
1.0
1.1
Remark
Final
Final
Draft Date
May. 17, 2005
Jul. 20, 2005
History
1. Corrected the errata
2. Added DFS restriction to Multi Block Erase.
3. Added Data Protection flow chart.
4. Removed Cache Read Operation.
5. Added additional information on command register.
6. Revised Interrupt status register information.
7. Added INT pin schematic.
8. Changed tPGM1 to 205 from 320us, tPGM2 to 220 from 350us.
9. Revised ECC Bypass description
10. Revised AC/DC parameters
11. Revised Reset Parameters and Timing Diagrams.
1. Corrected the errata
2. Deleted 2.65V/3.3V Device Descriptions.
3. Revised Data Protection Flow Chart.
4. Revised Invalid Block Table Creation Flow Chart.
5. Revised Multi Block Erase Description


Número de pieza similar - KFH2G16Q2M-DEB5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KFH2G16Q2M-DEB6 SAMSUNG-KFH2G16Q2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

Descripción similar - KFH2G16Q2M-DEB5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com