Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX8724 Datasheet(PDF) 23 Page - Maxim Integrated Products

No. de pieza MAX8724
Descripción Electrónicos  Low-Cost Multichemistry Battery Chargers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8724 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX8724 Datasheet HTML 19Page - Maxim Integrated Products MAX8724 Datasheet HTML 20Page - Maxim Integrated Products MAX8724 Datasheet HTML 21Page - Maxim Integrated Products MAX8724 Datasheet HTML 22Page - Maxim Integrated Products MAX8724 Datasheet HTML 23Page - Maxim Integrated Products MAX8724 Datasheet HTML 24Page - Maxim Integrated Products MAX8724 Datasheet HTML 25Page - Maxim Integrated Products MAX8724 Datasheet HTML 26Page - Maxim Integrated Products MAX8724 Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
the charge-current amplifier transconductance = 1µA/mV.
GMIN is the DC-DC converter transconductance =
3.3A/V. The CCS loop is a single-pole system with a dom-
inant pole compensation set by fP_CS:
The loop transfer function is given by:
Since:
Then, the loop transfer function simplifies to:
The crossover frequency is given by:
The CCS loop dominant compensation pole:
where the GMS amplifier output impedance, ROGMS =
10M
Ω.
To calculate the CCI loop compensation pole, CCS:
GMS = 1µA/mV
GMIN = 3.33A/V
ROGMS = 10M
f = 400kHz
f
RC
PCS
OGMS
CS
_
=
×
1
2
π
f
GMS
C
CO CS
CS
_
=
2
π
LTF
GMS
R
sR
C
OGMS
OGMS
CS
1
GM
ARS
IN
CSS
=
×
1
1
LTF
GM
A
RS
GMS
R
sR
C
IN
CSS
OGMS
OGMS
CS
×
×
×
1
1
f
RC
PCS
OGMS
CS
_
=
×
1
2
π
Low-Cost Multichemistry Battery Chargers
______________________________________________________________________________________
23
GMIN
CCS
GMS
CLS
CCS
ROGMS
CSSP
CSSN
CSS
RS1
Figure 9. CCS Loop Diagram
CCS LOOP GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
110
100
1k
-40
-20
0
20
40
60
80
100
-60
0.1
1M
CCS LOOP PHASE
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
1
-90
-75
-60
-45
-30
-15
0
-105
0.1
1M
Figure 10. CCS Loop Gain/Phase vs. Frequency


Número de pieza similar - MAX8724

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX8724 MAXIM-MAX8724 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX8724 MAXIM-MAX8724 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX8724ETI MAXIM-MAX8724ETI Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX8724ETI++ MAXIM-MAX8724ETI+ Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
More results

Descripción similar - MAX8724

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Motorola, Inc
AN1593 MOTOROLA-AN1593 Datasheet
212Kb / 8P
   LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com