Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBSG53ABAR2 Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza NBSG53ABAR2
Descripción Electrónicos  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53ABAR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBSG53ABAR2 Datasheet HTML 3Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 4Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 5Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 6Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 7Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 8Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 9Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 10Page - ON Semiconductor NBSG53ABAR2 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NBSG53A
http://onsemi.com
7
Table 9. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT
VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 20)
−40
°C
25
°C
70
°C(BGA)/85°C(QFN)***
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
35
47
59
35
47
59
35
47
59
mA
VOH
Output HIGH Voltage (Note 21)
−1040
−990
−940
−1010
−960
−910
−985
−935
−885
mV
VOL
Output LOW Voltage (Note 21)
−3.465 V
v VEE v −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
−1980
−1270
−1750
−1040
−1515
−1945
−1265
−1725
−1045
−1495
−1830
−1210
−1630
−990
−1425
−1795
−1205
−1605
−995
−1405
−1680
−1150
−1510
−940
−1335
−1645
−1145
−1485
−945
−1315
−1940
−1235
−1715
−1010
−1480
−1905
−1230
−1690
−1010
−1460
−1790
−1175
−1595
−960
−1390
−1755
−1170
−1570
−960
−1370
−1640
−1115
−1475
−910
−1300
−1605
−1110
−1450
−910
−1280
−1910
−1210
−1685
−985
−1450
−1875
−1205
−1660
−990
−1435
−1760
−1150
−1565
−935
−1360
−1725
−1145
−1540
−940
−1345
−1610
−1090
−1445
−885
−1270
−1575
−1085
−1420
−890
−1255
mV
VOUTPP
Output Voltage Amplitude
−3.465 V
v VEE v −3.0 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
**(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
750
130
550
0
345
715
125
525
0
325
840
220
640
0
435
805
215
615
5
415
740
125
545
0
340
705
120
520
0
320
830
215
635
0
430
795
210
610
0
410
735
125
540
0
335
700
120
515
0
320
825
215
630
0
425
790
210
605
5
410
mV
VIH
Input HIGH Voltage (Single−Ended)
(Notes 23 and 25) CLK, CLK, D, D
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
VEE +
1275
VCC
1000*
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
(Notes 24 and 25) CLK, CLK, D, D
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
VIH
2600
VCC
1400*
VIH
150
mV
VIH
Input High Voltage
(Single−Ended)
R, SEL
−1210
VCC
−1145
VCC
−1085
VCC
mV
VIL
Input Low Voltage (Single−Ended)
R, SEL
VEE
−1610
VEE
−1545
VEE
−1485
mV
VTHR
Input Threshold Voltage
(Single−Ended) (Note 25)
VEE+
1125
VCC
75
VEE+
1125
VCC
75
VEE+
1125
VCC
75
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
20. Input and output parameters vary 1:1 with VCC.
21. All outputs loaded with 50
W to VCC − 2.0 V.
22. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
23. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
24. VIL always w VEE. |VIL − VTHR| < 2600 mV.
25. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
***The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Número de pieza similar - NBSG53ABAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Descripción similar - NBSG53ABAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com