Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCT2G32DC Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza 74AHCT2G32DC
Descripción Electrónicos  Dual 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G32DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT2G32DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 11Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 12Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 13Page - NXP Semiconductors 74AHCT2G32DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9397 750 12532
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2004
10 of 16
Philips Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
[1]
Typical values are measured at VCC = 5.0 V.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
13. Waveforms
Table 11:
Dynamic characteristics type 74AHCT2G32
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); tr = tf ≤ 3.0 ns; see Figure 6.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 4.5 V to 5.5 V; CL =15pF
[1] -
3.3
6.9
ns
VCC = 4.5 V to 5.5 V; CL =50pF
[1] -
4.8
7.9
ns
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz
[2] [3] -17
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
8.0
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
9.0
ns
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
9.0
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
10.0
ns
74AHC2G32: VM = 0.5 x VCC; VI = GND to VCC.
74AHCT2G32: input VM = 1.5 V and output VM = 0.5 x VCC; VI = GND to 3.0 V.
Fig 5.
The input (nA and nB) to output (nY) propagation delays.
mna224
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL


Número de pieza similar - 74AHCT2G32DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCT2G32DC NXP-74AHCT2G32DC Datasheet
90Kb / 13P
   Dual 2-input OR gate
Rev. 02-20 January 2009
logo
Nexperia B.V. All right...
74AHCT2G32DC NEXPERIA-74AHCT2G32DC Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 4 - 18 December 2018
74AHCT2G32DC-Q100 NEXPERIA-74AHCT2G32DC-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHCT2G32DC-Q100 NEXPERIA-74AHCT2G32DC-Q100 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 3 - 18 December 2018
More results

Descripción similar - 74AHCT2G32DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com