Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT251E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HCT251E
Descripción Electrónicos  High-Speed CMOS Logic 8-Input Multiplexer, Three-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT251E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT251E Datasheet HTML 1Page - Texas Instruments CD74HCT251E Datasheet HTML 2Page - Texas Instruments CD74HCT251E Datasheet HTML 3Page - Texas Instruments CD74HCT251E Datasheet HTML 4Page - Texas Instruments CD74HCT251E Datasheet HTML 5Page - Texas Instruments CD74HCT251E Datasheet HTML 6Page - Texas Instruments CD74HCT251E Datasheet HTML 7Page - Texas Instruments CD74HCT251E Datasheet HTML 8Page - Texas Instruments CD74HCT251E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS169C
Features
• Selects One of Eight Binary Data Inputs
• Three-State Output Capability
• True and Complement Outputs
• Typical (Data to Output) Propagation Delay of 14ns at
VCC = 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• Alternate Source is Philips
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC251, CD54HCT251
(CERDIP)
CD74HC251, CD74HCT251
(PDIP, SOIC)
TOP VIEW
Description
The ’HC251 and ’HCT251 are 8-channel digital multiplexers
with three-state outputs, fabricated with high-speed silicon-
gate CMOS technology. Together with the low power
consumption of standard CMOS integrated circuits, they
possess the ability to drive 10 LSTTL loads. The three-state
feature makes them ideally suited for interfacing with bus
lines in a bus-oriented system.
This multiplexer features both true (Y) and complement (Y)
outputs as well as an output enable (OE) input. The OE must
be at a low logic level to enable this device. When the OE
input is high, both outputs are in the high-impedance state.
When enabled, address information on the data select inputs
determines which data input is routed to the Y and Y
outputs. The ’HCT251 logic family is speed, function, and
pin-compatible with the standard ’LS251.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I3
I2
I1
I0
Y
Y
GND
OE
VCC
I5
I6
I7
S0
S1
S2
I4
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC251F3A
-55 to 125
16 Ld CERDIP
CD54HCT251F3A
-55 to 125
16 Ld CERDIP
CD74HC251E
-55 to 125
16 Ld PDIP
CD74HC251M
-55 to 125
16 Ld SOIC
CD74HC251MT
-55 to 125
16 Ld SOIC
CD74HC251M96
-55 to 125
16 Ld SOIC
CD74HCT251E
-55 to 125
16 Ld PDIP
CD74HCT251M
-55 to 125
16 Ld SOIC
CD74HCT251MT
-55 to 125
16 Ld SOIC
CD74HCT251M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC251, CD74HC251,
CD54HCT251, CD74HCT251
High-Speed CMOS Logic
8-Input Multiplexer, Three-State
[ /Title
(CD74
HC251
,
CD74
HCT25
1)
/Sub-
ject
(High
Speed
CMOS
Logic
8-Input
Multi-
plexer;
Three-


Número de pieza similar - CD74HCT251E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT251E TI-CD74HCT251E Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HCT251E TI1-CD74HCT251E Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HCT251EE4 TI1-CD74HCT251EE4 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results

Descripción similar - CD74HCT251E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD54HCT257 TI-CD54HCT257 Datasheet
276Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com