Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

UT1553B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de Pieza. UT1553B
Descripción  RTI Remote Terminal Interface
Descarga  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

UT1553B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
RTI-4
The host microprocessor gains access to the RTI internal
registers by controlling input pins CS, CTRL, ADDR IN
(10:0), and RD/WR. During message processing the host
microprocessor should limit access to RTI internal registers.
1.1.2 Transparent Memory Access
Configured in the transparent memory mode the host
microprocessor accesses shared memory through the RTI.
Arbitration for access to the bus is performed as discussed
in section 1.1.1 of this document.
When granted access to memory, the RTI asserts memory
control signals ADDR OUT(10:0), RCS, and RRD/RWR.
For host-controlled memory accesses the RAM memory
address from the host is propagated from the Address In bus
ADDR IN (10:0) to theAddress Out busADDR OUT (10:0).
Memory control signals RD/WR and CS are also propagated
through the RTI as RRD/RWR and RCS. Input CTRL is
negated during all transparent memory accesses to prevent
the RTI from inadvertently performing an internal register
access or software reset. While CS is asserted, the RTI’s
bidirectional Data bus DATA I/O (15:0) is an input (i.e., not
actively driving bus).
The host microprocessor gains access to the RTI internal
registers by controlling input pins CS, CTRL, ADDR IN
(10:0), and RD/WR. During message processing the host
microprocessor should limit access to RTI internal registers.
The host should not assert CS while the RTI is performing
a memory access.
1.2 Internal Register Description
The RTI uses three internal registers to allow the host to
control the RTI operation and monitor its status. The host
uses the following inputs Control (CTRL), Chip Select
(CS), Read/Write (RD/WR), and ADDR IN (0) to read the
16-bit System Register or write to the 8-bit Control Register.
The Control Register toggles bits in the MIL-STD-1553B
status word, enables biphase inputs, selects terminal active
flag, and puts the part in self-test. The System Register
supplies operational status of the UT1553B RTI to the host.
The Last Command Register saves the command word for
a Transmit Last Command mode code, along with
operational status from the System Register.
Shared
Memory
Host
Computer
RTI
UT1553B
DMA
CONTROLLER
Figure 2. Direct Memory Access Configuration
DATA(15:0)
ADDR(10:0)
CONTROL
CONTROL
Control Register (Write Only)
Figure 3. Transparent Memory Access Configuration
Shared
Memory
Host
Computer
RTI
UT1553B
DMA
CONTROLLER
DATA(15:0)
ADDR IN (10:0)
CONTROL
ADDR OUT (10:0)
CONTROL
DATA I/O (15:0)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn